2SC1008-R
AI

## Technical Overview: 2SC1008-R Transistor
The **2SC1008-R** is a specific variant of the 2SC1008 NPN epitaxial silicon transistor. It is primarily designed for high-frequency amplification and switching applications. The suffix **"-R"** denotes a specific DC current gain ($h_{FE}$) range.
---
### 1. Key Technical Specifications
The following table outlines the absolute maximum ratings and electrical characteristics for the 2SC1008-R.
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 80 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 60 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 8 | V |
| **Collector Current (DC)** | $I_C$ | 700 | mA |
| **Total Device Dissipation** | $P_D$ | 800 | mW |
| **DC Current Gain ($h_{FE}$)** | $h_{FE}$ | 40 – 80 | (R Grade) |
| **Transition Frequency** | $f_T$ | 50 (Min) | MHz |
---
### 2. Pin Configuration (TO-92 Package)
The 2SC1008 is usually housed in a standard **TO-92** plastic package. When looking at the flat side (with the text facing you), the pins are typically arranged as follows:
1. **Emitter (E)**: Current exits the transistor.
2. **Collector (C)**: Current enters the transistor.
3. **Base (B)**: Controls the flow between Collector and Emitter.
---
### 3. Classification of Gain (The "R" Suffix)
Transistors in this series are binned into different grades based on their DC current gain ($h_{FE}$) at a specific collector current.
| Grade Suffix | $h_{FE}$ Range |
| :--- | :--- |
| **R** | **40 – 80** |
| **O** | 70 – 140 |
| **Y** | 120 – 240 |
| **G** | 200 – 400 |
---
### 4. Common Applications
Due to its moderate current handling and voltage ratings, the 2SC1008-R is used in:
* **Signal Amplification**: Low-power audio or RF signal boosting.
* **Switching**: Acting as a digital switch for small relays, LEDs, or low-power motors.
* **Voltage Regulation**: Used in series pass circuits for power supplies.
---
### 5. Equivalent / Substitute Parts
If the 2SC1008-R is unavailable, the following components may serve as functional substitutes (always verify pinouts, as they may differ):
* **BC337**: Similar current handling, but different pinout.
* **2N2222**: General-purpose NPN, lower voltage rating.
* **KSC1008**: The Fairchild/ON Semi equivalent part number.
- ⤷
What is the difference in performance between the R and G gain grades?
- ⤷ Can the 2SC1008-R be used in 12V automotive applications?
- ⤷ How does the power dissipation change if a heat sink is not used?