전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2SC2712G-X-AE3-R

  • AI
    ## Overview of the 2SC2712G-X-AE3-R The **2SC2712G-X-AE3-R** is a specific variant of the widely used 2SC2712 NPN epitaxial silicon transistor. It is primarily designed for low-frequency voltage amplification and is commonly found in consumer electronics due to its compact size and high reliability. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for this specific part: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 60 V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 V | | **Collector Current (DC)** | $I_C$ | 150 mA | | **Collector Power Dissipation** | $P_C$ | 150 mW | | **Junction Temperature** | $T_j$ | 150 °C | --- ### 2. Decoding the Part Number The suffix codes provide critical information regarding packaging and performance: * **2SC2712**: The base model number (NPN Transistor). * **G**: Often denotes "Green" or Halogen-free compliance. * **X**: Typically represents the DC Current Gain ($h_{FE}$) classification. The "X" or "Y" rank usually falls within a specific range (e.g., 70 to 700). * **AE3**: Refers to the **SOT-23** package type (3-pin small outline transistor). * **R**: Indicates the packaging format, usually **Tape & Reel** for automated assembly. --- ### 3. Pin Configuration (SOT-23) The device follows the standard SOT-23 layout: 1. **Pin 1 (Base):** Controls the flow of current between the collector and emitter. 2. **Pin 2 (Emitter):** Where the current exits the transistor. 3. **Pin 3 (Collector):** Where the current enters the transistor. --- ### 4. Typical Applications Due to its high $h_{FE}$ and low noise characteristics, this part is used in: * **Small Signal Amplification:** Pre-amplifier stages for audio or sensors. * **Switching:** Low-current switching in logic circuits. * **General Purpose:** Driver stages in portable devices (smartphones, tablets). --- ### 5. Equivalent/Substitute Parts If this exact part is unavailable, the following are common alternatives (though pinouts and gain ranks should be verified): * **2SC1623** * **BC847** * **MMBT3904**
    ✨ Follow-up Questions
    • ⤷ What is the specific hFE (current gain) range for the 'X' classification?
    • ⤷ How does this transistor compare to the PNP complementary pair 2SA1162?
    • ⤷ What are the thermal considerations when using this SOT-23 package in a high-density PCB?