전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2SD1898-R

  • AI
    The **2SD1898-R** is a high-performance NPN epitaxial planar silicon transistor commonly used for power amplification and general-purpose switching. It is frequently found in surface-mount packages like the SOT-89. --- ### ## Technical Specifications Below is a summary of the absolute maximum ratings and electrical characteristics for the 2SD1898-R: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 100 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 80 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V | | **Collector Current (DC)** | $I_C$ | 1 | A | | **Collector Current (Pulse)** | $I_{CP}$ | 2 | A | | **Power Dissipation ($T_a=25^\circ C$)** | $P_D$ | 0.5 - 2.0* | W | | **Junction Temperature** | $T_j$ | 150 | $^\circ$C | *\*Note: Power dissipation varies depending on the PCB mounting/heat sinking.* --- ### ## Key Features The 2SD1898-R is distinguished by several performance characteristics: 1. **Low Saturation Voltage:** It features a very low collector-emitter saturation voltage, typically $V_{CE(sat)} \approx 0.15V$ at $I_C = 500mA$. This reduces power loss and heat generation. 2. **High Breakdown Voltage:** With a $V_{CEO}$ of 80V, it is suitable for applications involving higher voltage rails than standard small-signal transistors. 3. **HFE Classification:** The "R" suffix indicates the DC current gain ($h_{FE}$) rank. For this specific part, the range is typically: * **Rank R:** 120 to 270. 4. **Excellent Linearity:** Provides consistent gain across a wide range of collector currents. --- ### ## Pinout Configuration (SOT-89) When looking at the front (labeled side) of the device with the pins pointing downwards: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Base** | Controls the bias of the transistor | | **2** | **Collector** | The middle pin (connected to the large cooling tab) | | **3** | **Emitter** | The output/ground reference | --- ### ## Common Applications * **Voltage Regulators:** Used in series pass circuits due to its high current capability. * **Relay Drivers:** Ideal for switching inductive loads because of its robust voltage rating. * **Audio Amplifiers:** Used in the output or driver stages of small to medium power audio circuits. * **DC-DC Converters:** Efficient switching in power management modules.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative transistors for the 2SD1898-R?
    • ⤷ How does the 'R' gain rank compare to the 'Q' or 'P' ranks?
    • ⤷ Can this transistor be used directly with a 5V microcontroller logic signal?