2SD882SSL-E-AE3-R
AI

## Detailed Technical Overview of 2SD882SSL-E-AE3-R
The **2SD882SSL-E-AE3-R** is a specific variant of the widely used D882 NPN medium-power transistor. It is manufactured by **UTC (Unisonic Technologies)**. This component is designed for applications requiring high current and low saturation voltage.
### 1. Part Number Breakdown
Understanding the suffix codes is crucial for identifying the physical and electrical characteristics of this specific variant:
| Part Segment | Meaning |
| :--- | :--- |
| **2SD882** | Base part number (NPN Silicon Transistor) |
| **SSL** | High $h_{FE}$ (Gain) classification or specific die size variant |
| **E** | $h_{FE}$ Rank (typically indicates a gain range of 200–400) |
| **AE3** | Package Type: **SOT-23** (Surface Mount Device) |
| **R** | Tape and Reel packaging |
---
### 2. Key Electrical Specifications
Below are the absolute maximum ratings and typical electrical characteristics for this transistor:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 40 V |
| Collector-Emitter Voltage | $V_{CEO}$ | 30 V |
| Emitter-Base Voltage | $V_{EBO}$ | 5 V |
| Collector Current (DC) | $I_C$ | 3 A |
| Collector Current (Peak) | $I_{CP}$ | 7 A |
| Power Dissipation ($T_a = 25^\circ C$) | $P_D$ | 0.5 W (Package dependent) |
| DC Current Gain | $h_{FE}$ | 200 ~ 400 (Rank E) |
| Transition Frequency | $f_T$ | 100 MHz (Typ) |
---
### 3. Pinout Configuration
Since this is the **AE3 (SOT-23)** package, the pinout follows the standard surface mount small-outline transistor configuration:
```text
(3) Collector
|
-------
| |
(1) B-| |- (2) Emitter
-------
```
1. **Pin 1:** Base
2. **Pin 2:** Emitter
3. **Pin 3:** Collector
---
### 4. Features & Applications
#### Features
* **High Current Capacity:** Able to handle up to 3A, which is high for a small SOT-23 package.
* **Low Saturation Voltage:** $V_{CE(sat)}$ is typically only 0.3V at $I_C=2A$, leading to higher efficiency and less heat.
* **Complementary Pair:** Often used alongside the **2SB772** (PNP version).
#### Common Applications
* **Voltage Regulation:** Used in linear regulators for power management.
* **Relay Drivers:** Ideal for switching magnetic coils due to high current handling.
* **Audio Amplification:** Output stage for low-power portable audio devices.
* **DC-DC Converters:** Used in the switching stage of small power converters.
---
### 5. Thermal Considerations
Because the **AE3 (SOT-23)** package is very small, thermal management is critical. While the transistor can handle 3A of current, the package cannot dissipate significant heat (0.5W max). In high-current applications, the transistor should be used in **switching mode** (fully on or fully off) rather than linear mode to prevent thermal runaway.
- ⤷
What are the main differences between the SOT-23 and TO-126 versions of the D882 transistor?
- ⤷ How do I calculate the power dissipation for this transistor in a switching circuit?
- ⤷ Can this transistor be used directly with a 5V microcontroller like an Arduino?