전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2SD965-Q-AB3-R

  • AI
    The **2SD965-Q-AB3-R** is a high-current, low-voltage NPN epitaxial silicon transistor. It is specifically designed for applications requiring high current capacity in a small form factor, such as camera flash units, strobe lights, and switching regulators. --- ## 1. Part Number Breakdown Understanding the suffix codes helps identify the specific variant: | Component | Meaning | | :--- | :--- | | **2SD965** | Base part number (NPN Silicon Transistor) | | **Q** | $h_{FE}$ (DC Current Gain) rank: **230 ~ 600** | | **AB3** | Package type: **SOT-89** (Surface Mount) | | **R** | Packing type: **Tape & Reel** | --- ## 2. Technical Specifications Below are the absolute maximum ratings and electrical characteristics: ### A. Maximum Ratings ($T_a = 25^\circ C$) | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 8 | A | | Total Power Dissipation | $P_D$ | 500 (standard) / 2000* | mW | *\*Note: Power dissipation depends on PCB copper area for SOT-89 packages.* ### B. Electrical Characteristics * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically **0.35V** at $I_C = 3A$, which minimizes power loss during switching. * **High Current Gain:** The "Q" classification ensures a high $\beta$ ($h_{FE}$) between 230 and 600. * **Transition Frequency ($f_T$):** Typically **150 MHz**, making it suitable for high-speed switching. --- ## 3. Pin Configuration (SOT-89) The SOT-89 is a three-terminal surface mount package. Looking at the top of the device with the leads pointing down: | Pin Number | Function | | :---: | :--- | | **1** | Emitter (E) | | **2** | Collector (C) - *Also connected to the large center tab* | | **3** | Base (B) | --- ## 4. Typical Applications The 2SD965-Q-AB3-R is optimized for "Power Management" and "Pulse" circuits: 1. **Strobe/Flash Circuits:** Handling high peak currents ($I_{CP}$ up to 8A) for charging capacitors. 2. **DC-DC Converters:** Efficiency is high due to the low saturation voltage. 3. **Motor Drivers:** Small DC motors in portable electronics. 4. **LED Drivers:** Driving high-power LED strings. --- ## 5. Equivalent / Alternative Parts If this specific part is unavailable, similar transistors include: * **KSD965** (Fairchild/ON Semi version) * **2SC3279** (Similar electrical specs, different package) * **ZTX689B** (Through-hole equivalent with high current)
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance (Rthja) for the SOT-89 package of this transistor?
    • ⤷ Can you explain the difference between the 'Q' and 'R' gain ranks for the 2SD965?
    • ⤷ How does the low saturation voltage affect the efficiency of a switching circuit?