전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2SD965AL-S-AB3-R

  • AI
    ## Technical Overview: 2SD965AL-S-AB3-R The **2SD965AL-S-AB3-R** is a high-current, low-voltage NPN epitaxial silicon transistor designed primarily for applications requiring high efficiency in power switching. It is frequently used in battery-powered devices due to its low saturation voltage. --- ### 1. Part Number Breakdown The suffixing in the part number (likely from manufacturers like **UTC - Unisonic Technologies**) typically follows this logic: | Segment | Meaning | | :--- | :--- | | **2SD965** | Base part number (NPN Transistor) | | **AL** | Rank/Gain classification (Typically High $h_{FE}$) | | **S** | Lead-free/Halogen-free designation | | **AB3** | Package style (SOT-89) | | **R** | Tape and Reel packaging | --- ### 2. Key Technical Specifications Below are the absolute maximum ratings and typical electrical characteristics: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 8 | A | | Collector Dissipation | $P_C$ | 500 (Note: varies by PCB) | mW | | DC Current Gain | $h_{FE}$ | 230 ~ 600 | - | --- ### 3. Core Features * **High Current Capacity:** Despite its small footprint, it can handle a continuous collector current of up to 5A. * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically very low (approx. 0.75V at $I_C = 3A$), which reduces power loss and heat generation. * **High Gain:** The "L" rank indicates a high DC current gain, making it easy to drive directly from logic circuits or microcontrollers. --- ### 4. Common Applications Due to its high current handling and low voltage drop, it is ideal for: 1. **Strobe/Flash Units:** Used in cameras for rapid capacitor discharging. 2. **Voltage Regulators:** Part of power management circuits in portable electronics. 3. **Relay/Motor Drivers:** Switching inductive loads in toys or handheld tools. 4. **DC-DC Converters:** Efficiency-focused power conversion. --- ### 5. Physical Package (SOT-89) The **AB3** code refers to the **SOT-89** surface-mount package. * **Pin 1:** Base * **Pin 2:** Collector (connected to the large cooling tab) * **Pin 3:** Emitter
    ✨ Follow-up Questions
    • ⤷What is the equivalent through-hole (TO-92) part for the 2SD965?
    • ⤷ How does the low saturation voltage benefit battery life?
    • ⤷ What is the maximum power dissipation when mounted on a standard FR-4 PCB?