전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2SF-R

  • AI
    The **2SF-R** series typically refers to a specific line of **Plunger Pumps** manufactured by **Cat Pumps**. While the unit itself is mechanical, it is often integrated into electronic control systems for industrial pressure washing, misting, or chemical injection. Below is an overview of the electronic components and integration parts associated with the 2SF-R series. --- ## 1. Core Electronic Control Components When a 2SF-R pump is part of an automated system, the following electronic parts are usually involved: | Component | Function | Purpose for 2SF-R | | :--- | :--- | :--- | | **Electric Motor** | Power Source | Provides the rotational force (usually 1/2 HP to 3 HP) to drive the plunger. | | **Pressure Switch** | Sensing | Detects when the spray gun is closed and shuts off the motor to prevent overheating. | | **Solenoid Valve** | Flow Control | Electronically opens or closes the water inlet or chemical feed line. | | **VFD (Variable Frequency Drive)** | Speed Control | Adjusts the motor speed to regulate the flow rate (GPM) electronically. | --- ## 2. Technical Specifications (Electronic Integration) To select the correct electronic motor for a 2SF-R pump, you must match the physical interface and power requirements: ### Motor Mounting (The "R" Designation) The "R" in 2SF-R often denotes a specific mounting flange or stroke length. Most 2SF pumps use a **NEMA 56C** or **184TC** bolt pattern for the electric motor. ### Power Requirements * **Voltage:** Commonly wired for 115V (Single Phase) or 230V/460V (Three Phase). * **RPM:** These pumps are designed to run at specific speeds, typically **1725 RPM** or **3450 RPM**. Using an incorrect electronic speed controller can damage the internal seals. --- ## 3. Maintenance & Electronic Safety Parts Because the 2SF-R handles liquids near high-voltage motors, specific safety electronics are required: 1. **GFCI (Ground Fault Circuit Interrupter):** Essential if the pump is used in mobile or wet environments to prevent electric shock. 2. **Thermal Overload Protector:** Integrated into the motor starter to prevent the motor from burning out if the pump seizes. 3. **Float Switch:** An electronic sensor in the supply tank that cuts power if the water level is too low, preventing the pump from "running dry." --- ## 4. Common Assembly Configuration A standard electronic setup for a 2SF-R pump looks like this: `Power Source` → `Magnetic Starter / VFD` → `Electric Motor` → `Direct Drive Coupler` → `2SF-R Pump` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific NEMA motor frame sizes compatible with the 2SF-R series?
    • ⤷ How do I wire a pressure switch to a 2SF-R pump system?
    • ⤷ Can a 2SF-R pump be controlled by a PLC for automated chemical dosing?