전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2TT-13-R/

  • AI
    The **2TT-13-R** is a specific type of electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Pulse Transformer**, often associated with manufacturer series like those from Pulse Electronics or similar magnetic component specialists. ### 1. Technical Specifications While exact specs can vary based on the manufacturer's prefix, components in this family generally adhere to the following characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Power Inductor / Magnetic Core Component | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance Range** | Typically measured in $\mu H$ (Microhenries) | | **Operating Temp** | -40°C to +125°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Features The "2TT" series usually emphasizes compact design and high reliability. Key features include: * **Low Profile:** Designed for dense PCB layouts where vertical space is limited. * **High Saturation Current:** Ability to handle significant current without the magnetic core losing its inductive properties. * **Shielded Construction:** Most versions are magnetically shielded to reduce Electromagnetic Interference (EMI) with surrounding components. * **Lead-Free (-R):** The "R" suffix explicitly denotes that the part is RoHS (Restriction of Hazardous Substances) compliant, meaning it is lead-free. --- ### 3. Common Applications These parts are integral to power management and signal conditioning in modern electronics: 1. **DC-DC Converters:** Used for energy storage and filtering in voltage regulation circuits. 2. **Telecommunications:** Often found in networking equipment for signal isolation or noise suppression. 3. **Consumer Electronics:** Used in laptops, tablets, and LED drivers to manage power efficiency. 4. **Automotive Systems:** Integrated into infotainment or power control modules (if AEC-Q200 qualified). --- ### 4. Identification and Marking * **2TT:** Represents the series name and physical package size. * **13:** Usually indicates a specific electrical characteristic (like inductance value or a design code). * **R:** Signifies RoHS compliance/Lead-free termination. ---
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value for the 2TT-13-R model?
    • ⤷ Which manufacturer produces the 2TT series of inductors?
    • ⤷ Are there equivalent cross-reference parts for the 2TT-13-R?