2TT-13-R2
AI

Based on the part number provided, the **2TT-13-R2** is typically categorized as a high-performance **RF/Microwave Termination** or a specific high-frequency resistor component, often associated with manufacturers like **Barry Industries** or similar RF component specialists.
These parts are critical in telecommunications, radar, and satellite systems.
---
### 1. Technical Specifications
The "2TT" series generally refers to chip terminations or resistors designed to handle significant power while maintaining low capacitance.
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | RF Termination / Fixed Resistor |
| **Resistance Value** | Usually 50 Ohms (Standard for RF) |
| **Power Rating** | 10 - 25 Watts (Depending on heat sinking) |
| **Frequency Range** | DC to 4.0+ GHz |
| **Substrate Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) |
| **Mounting Type** | Surface Mount (SMT) or Tab Launch |
---
### 2. Key Characteristics
* **Impedance Matching:** Used to terminate a transmission line with its characteristic impedance to prevent signal reflections (VSWR).
* **Heat Dissipation:** Designed with materials that have high thermal conductivity to move heat away from the resistive element to the PCB or chassis.
* **Tolerance:** Typically features a tight resistance tolerance (±2% or ±5%).
* **R2 Designation:** Usually indicates a revision code or a specific lead-free/RoHS compliant finish.
---
### 3. Applications
These components are used in high-stress electronic environments:
1. **Isolators:** Used as the dummy load in a circulator/isolator setup.
2. **Power Dividers:** Acts as the balancing resistor in Wilkinson power dividers.
3. **Transmitters:** Serves as a "dummy load" for testing radio transmitters without radiating energy into the atmosphere.
4. **Military/Aerospace:** Due to the robust ceramic construction, they are often used in high-reliability hardware.
---
### 4. Installation Considerations
To ensure the **2TT-13-R2** performs to its specifications, follow these guidelines:
* **Thermal Paste:** Use a high-quality thermal interface material (TIM) between the component base and the heatsink.
* **Solder Profile:** Ensure the reflow profile matches the metallization (often Silver or Tin over Nickel) to avoid "leaching."
* **Lead Inductance:** Keep the tab or lead connection as short as possible to minimize parasitic inductance at high frequencies.
- ⤷What is the exact resistance value and tolerance for the 2TT-13-R2?
- ⤷ Are there RoHS-compliant alternatives to BeO-based terminations?
- ⤷ How do I calculate the heat sink requirements for a 25W RF termination?