전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 2XR-4Z1Z1-R

  • AI
    The part number **2XR-4Z1Z1-R** typically refers to a specialized high-performance coaxial connector or cable assembly, often associated with the **Radiall** series or similar RF (Radio Frequency) component manufacturers. These parts are designed for high-frequency signal transmission with minimal loss. ### 1. Component Specification Overview Below is a breakdown of the typical technical characteristics associated with this class of electronic parts: | Feature | Specification | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Adapter | | **Series** | 2.4mm / QMA / SMA Variant (Depending on manufacturer) | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC up to 40GHz+ (High-Frequency) | | **Mounting Type** | Usually Flange Mount or Cable End | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Key Features and Construction Electronic parts in this category are engineered for precision and durability in harsh environments. * **Materials:** Usually constructed with a stainless steel or gold-plated brass body to ensure high conductivity and corrosion resistance. * **Dielectric:** Utilizes high-grade PTFE (Teflon) or air-bridge insulators to maintain signal integrity at microwave frequencies. * **The "-R" Suffix:** In the electronics industry, the suffix **-R** almost universally signifies **RoHS (Restriction of Hazardous Substances)** compliance, meaning the part is lead-free. * **Coupling Mechanism:** These parts often feature a threaded or "snap-on" interface designed for secure mechanical stability. --- ### 3. Common Applications Due to its high-frequency capabilities, the **2XR-4Z1Z1-R** and its equivalents are used in the following sectors: 1. **Telecommunications:** 5G infrastructure and base station equipment. 2. **Aerospace & Defense:** Radar systems, satellite communications, and electronic warfare modules. 3. **Test & Measurement:** Used in oscilloscopes, network analyzers, and signal generators where high precision is required. 4. **Medical:** High-resolution imaging equipment like MRI machines. --- ### 4. Technical Handling Precautions When working with high-frequency parts like this, follow these guidelines: ```markdown 1. Torque Specifications: Use a calibrated torque wrench to avoid over-tightening. 2. Cleanliness: Keep the interface free of dust/oil using isopropyl alcohol. 3. Inspection: Check for bent center pins or debris before mating. ```
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the 2XR-4Z1Z1-R part?
    • ⤷ What are the specific torque requirements for this connector type?
    • ⤷ Is there a direct alternative or equivalent part number for this component?