전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3-R18

  • AI
    To provide an accurate explanation, it is important to clarify that **"3-R18"** most commonly refers to a specific type of **Nickel-Metal Hydride (NiMH) Rechargeable Battery Pack** used in electronics, particularly in cordless phones (like VTech or AT&T models). Below is a breakdown of the technical specifications and electronic components associated with this part. --- ### 1. Technical Specifications The "3-R18" designation typically refers to a battery assembly made of three individual 2/3 AAA cells. | Feature | Specification | | :--- | :--- | | **Chemistry** | Nickel-Metal Hydride (NiMH) | | **Voltage** | 3.6V (1.2V per cell x 3) | | **Capacity** | Usually 300mAh to 400mAh | | **Cell Configuration** | 3 x 2/3 AAA cells in series | | **Connector Type** | Universal JST or Molex 2-pin connector | --- ### 2. Key Electronic Components A 3-R18 battery pack is more than just raw chemicals; it consists of several integrated electronic parts: #### A. The Cells (NiMH) Unlike older NiCd (Nickel Cadmium) batteries, NiMH cells do not have a "memory effect" and offer a higher energy density. This makes them ideal for devices that stay on a charging cradle for long periods. #### B. The Wiring Harness * **Red Wire:** Positive terminal (+). * **Black Wire:** Negative terminal (-/Ground). * **Insulation:** Usually PVC heat-shrink tubing that holds the three cells together as a single unit. #### C. Safety Components (Internal) Inside the pack, or integrated into the device's charging circuit, you will find: * **Thermistor (Optional):** Some variants include a thermal sensor to prevent overheating during fast charging. * **Polyswitch/PTC:** A resettable fuse that cuts current if the battery draws too much power or shorts out. --- ### 3. Applications and Maintenance The 3-R18 is a standard "workhorse" for low-drain communication devices. * **Primary Use:** Cordless house phones (VTech, AT&T, Panasonic). * **Charging:** Requires a constant current (CC) charge cycle. Overcharging can lead to "venting," where the electrolyte escapes as gas, ruining the battery. * **Lifecycle:** Typically lasts 500–1,000 charge cycles before the internal resistance becomes too high to hold a charge. --- ### 4. Replacement Identification If you are looking for a replacement, ensure the connector matches your device. While the chemistry (NiMH) and voltage (3.6V) are standard, the **plastic plug** at the end of the wires varies by manufacturer.
    ✨ Follow-up Questions
    • ⤷ How do I determine if my 3-R18 battery is dead or just discharged?
    • ⤷ What is the difference between NiMH and NiCd versions of this battery pack?
    • ⤷ Can I use a higher mAh rating for my 3-R18 replacement?