전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3.5-R3

  • AI
    The **3.5-inch R3 (Revision 3)** usually refers to a specific type of **TFT LCD Touch Screen Shield** designed primarily for the Arduino Uno or Mega 2560 platforms. These modules are popular in DIY electronics because they plug directly into the microcontroller headers. --- ### 1. Core Hardware Components The electronic architecture of a 3.5-R3 module typically consists of several key layers and integrated circuits: | Component | Function | | :--- | :--- | | **TFT LCD Panel** | The physical 3.5-inch screen capable of displaying 16-bit colors (65k colors). | | **Display Controller** | Usually the **ILI9486** or **ILI9481**. This chip translates commands from the Arduino into pixels. | | **Touch Controller** | Typically the **XPT2046**. It handles the resistive touch input and converts analog pressure into digital coordinates. | | **Resistive Touch Overlay** | A thin, transparent layer on top of the glass that detects physical pressure. | | **Logic Level Shifter** | Converts the 5V signals from an Arduino Uno to the 3.3V required by the LCD controller to prevent damage. | | **SD Card Slot** | Located on the back; used for storing BMP/JPEG images to be displayed on the screen. | --- ### 2. Technical Specifications Most 3.5-R3 modules share a standardized set of electronic parameters: * **Resolution:** 480 x 320 Pixels. * **Interface:** 8-bit parallel (uses Digital pins 2-9 and Analog pins A0-A4 on Arduino). * **Operating Voltage:** 5V (powered by the Arduino board). * **Logic Voltage:** 3.3V (managed by onboard buffers). * **Backlight:** Permanent "On" or controllable via a transistor (depending on the specific PCB revision). --- ### 3. Pinout Configuration (Standard Shield) The R3 revision follows the standard Arduino Shield pinout to ensure it "sandwiches" perfectly onto the board: | Pins | Label | Description | | :--- | :--- | :--- | | **LCD_D0 - LCD_D7** | Data Bus | Transfers the image data. | | **LCD_RST** | Reset | Resets the display controller. | | **LCD_CS** | Chip Select | Activates the display communication. | | **LCD_RS / CD** | Register Select | Toggles between sending Commands or Data. | | **LCD_WR / RD** | Write / Read | Controls the strobe for data transfer. | | **SD_CS / SD_DI...** | SPI Pins | Controls the MicroSD card slot. | --- ### 4. Important Considerations for Use * **Library Support:** The most common libraries for these parts are `MCUFRIEND_kbv` (for the display) and `TouchScreen.h` (for the touch functionality). * **Power Consumption:** These screens draw significant current (up to 150mA - 200mA) for the backlight. Ensure your power source (USB or DC Jack) can handle the load. * **Driver Identification:** Because many manufacturers use the "3.5-R3" label, you must often use a "ReadID" sketch to determine if your specific chip is an ILI9486, ILI9481, or an HX8357.
    ✨ Follow-up Questions
    • ⤷ How do I identify which driver chip (ILI9486 vs ILI9481) is on my 3.5-R3 screen?
    • ⤷ Can this screen be used with an ESP32 or ESP8266 instead of an Arduino?
    • ⤷ What is the difference between a 3.5-R3 parallel interface and an SPI interface screen?