전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 305-R

  • AI
    The **305-R** typically refers to a high-performance **Step-Down (Buck) Switching Regulator** module or integrated circuit, often associated with brands like OKI (Murata) or specialized industrial power supplies. It is designed to convert a higher DC voltage to a lower, stable DC voltage with high efficiency. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics of a 305-R series regulator (specifically the 78SR style non-isolated units): | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 7V to 36V DC | | **Output Voltage** | 5V DC (Fixed) | | **Output Current** | 1.5A to 3A (Model dependent) | | **Efficiency** | 85% - 95% | | **Package Type** | 3-pin Vertical or Horizontal SIP | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components The 305-R is an integrated module. If you were to look inside or view its schematic, it consists of these primary sections: 1. **Switching Controller (IC):** The "brain" that uses Pulse Width Modulation (PWM) to regulate the output. 2. **MOSFET Pass Transistor:** Acts as a high-speed switch to chop the input voltage. 3. **Power Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle to maintain steady current. 4. **Schottky Diode:** Provides a path for the current when the MOSFET is off (freewheeling). 5. **Filter Capacitors:** High-quality ceramic or electrolytic capacitors that smooth out the input and output voltage ripples. --- ### 3. Advantages over Linear Regulators (e.g., LM7805) The 305-R is often used as a "drop-in" replacement for older linear regulators because of its superior thermal management. * **No Heat Sink Required:** Because it is a switching regulator, it wastes very little energy as heat. * **Energy Efficiency:** While a linear regulator might be 40% efficient, the 305-R is often >90%. * **Pin Compatibility:** Most 305-R modules use the same pinout (Input, Ground, Output) as the standard TO-220 linear regulators. --- ### 4. Typical Applications * **Industrial Controls:** Powering 5V logic circuits from 24V industrial rails. * **Battery Powered Systems:** Extending battery life by reducing power waste. * **Telecommunications:** Regulating distributed power on line cards. * **Embedded Systems:** Providing stable power to Microcontrollers (Arduino, ESP32, etc.) from high-voltage sources. --- ### 5. Implementation Example (Wiring) ```cpp // Typical Pinout Configuration: // Pin 1: +Vin (e.g., 12V Battery) // Pin 2: GND (Common Ground) // Pin 3: +Vout (Stable 5.0V Output) /* Note: It is recommended to place a 10uF capacitor between Pin 1 and Pin 2 if the power source is far from the regulator. */ ```
    ✨ Follow-up Questions
    • ⤷What is the maximum input voltage the 305-R can handle safely?
    • ⤷ Can the 305-R be used in parallel to increase current output?
    • ⤷ How does the 305-R compare to the LM7805 in terms of noise?