30LVSS10-R
AI

### Overview of 30LVSS10-R
The **30LVSS10-R** is a high-performance ceramic disc capacitor manufactured by **Vishay Cera-Mite**. It is part of the "LV" series, specifically designed for low-voltage applications requiring high stability and reliability.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of the 30LVSS10-R:
| Parameter | Value / Specification |
| :--- | :--- |
| **Component Type** | Ceramic Disc Capacitor |
| **Capacitance** | 0.01 µF (10,000 pF) |
| **Voltage Rating** | 3000 VDC (3 kV) |
| **Tolerance** | ±20% (Standard for this series) |
| **Temperature Coefficient** | S3L (Stable characteristics) |
| **Mounting Type** | Through-Hole |
| **Lead Style** | Straight Leads |
| **Coating** | Flame-retardant epoxy resin (UL 94 V-0) |
---
### Key Features
* **High Voltage Stability:** Designed to operate safely at high DC voltages (up to 3kV), making it suitable for power supply protection.
* **Low Dissipation Factor:** Ensures minimal energy loss during operation, which reduces heat buildup.
* **Rugged Construction:** The epoxy coating provides excellent moisture resistance and mechanical protection.
* **Compliance:** Generally meets RoHS standards (the "-R" suffix typically denotes RoHS compliance in newer manufacturing batches).
---
### Common Applications
The 30LVSS10-R is frequently used in circuits where high voltage surges or steady-state high DC voltages are present:
1. **Power Supplies:** Used for decoupling and filtering in high-voltage DC power lines.
2. **Snubber Circuits:** Protects switching transistors (like MOSFETs) from voltage spikes.
3. **Lighting Ballasts:** Found in electronic ballasts for fluorescent or HID lighting.
4. **CRT Displays:** Used in older television and monitor circuitry for high-voltage regulation.
5. **Coupling/Blocking:** Used to block DC components while allowing AC signals to pass in high-voltage environments.
---
### Installation Note
When replacing this part, ensure the lead spacing matches the PCB footprint. Because this is a high-voltage component, maintaining proper **creepage and clearance distances** (the physical space between conductors) is critical to prevent electrical arcing.
- ⤷
What is the significance of the S3L temperature coefficient for this capacitor?
- ⤷ Can this capacitor be used in AC line-to-ground (Y-capacitor) applications?
- ⤷ What are the physical dimensions and lead spacing for the 30LVSS10-R?