전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 31002AL-S08-R

  • AI
    The **31002AL-S08-R** is an integrated circuit (IC) primarily used as a high-performance **Step-Down (Buck) DC-DC Converter**. This component is commonly utilized in power management systems where high efficiency and compact size are required. Below is a detailed breakdown of its specifications and features. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Part Number** | 31002AL-S08-R | | **Package Type** | SOP-8 (Small Outline Package, 8 pins) | | **Function** | Synchronous Step-Down DC-DC Converter | | **Output Current** | Typically up to 2A | | **Switching Frequency** | High frequency (often 500kHz - 1MHz) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Technical Characteristics The "31002AL" series is designed to convert a higher input voltage down to a regulated lower output voltage with minimal heat dissipation. * **Synchronous Rectification:** Unlike standard buck converters that use a diode, this IC integrates a low Rds(on) MOSFET for rectification, which significantly increases efficiency (often >90%). * **Wide Input Range:** Usually supports an input range suitable for 5V, 12V, or 18V rails, making it versatile for consumer electronics. * **Protection Suites:** Includes internal safety features: * **Over-Current Protection (OCP):** Limits current to prevent damage during shorts. * **Thermal Shutdown:** Turns off the IC if it exceeds safe operating temperatures. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is stable. --- ### 3. Pin Configuration (Typical SOP-8) While you should always consult the specific datasheet from the manufacturer (often UTC or similar brands), the typical layout for this class of IC is: | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap pin for high-side gate driver. | | 2 | **VIN** | Supply Input Voltage. | | 3 | **SW** | Switching Node (connected to inductor). | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback input to regulate output voltage. | | 6 | **COMP** | Compensation node for stability. | | 7 | **EN** | Enable pin (High = On, Low = Off). | | 8 | **SS** | Soft-Start control. | --- ### 4. Application Areas * **Distributed Power Systems:** Used on motherboards to create local 3.3V or 1.8V rails. * **Networking Gear:** Modems, routers, and switches. * **LCD Monitors/TVs:** Powering internal logic circuits. * **Battery Powered Devices:** Due to high efficiency extending battery life. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum input voltage for the 31002AL-S08-R?
    • ⤷ Can you provide a basic circuit diagram for a 5V to 3.3V conversion using this IC?
    • ⤷ What are the common alternatives or equivalents for this part?