전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3201848

  • AI
    Based on technical industrial databases, the part number **3201848** typically refers to a **Ground Terminal Block** (specifically from the Phoenix Contact CLIPLINE series). These components are essential in industrial control panels and electronic assemblies for safety and circuit organization. ### Technical Specifications The following table outlines the general technical characteristics of the 3201848 terminal block: | Feature | Specification | | :--- | :--- | | **Type** | Ground / Earth Terminal Block | | **Connection Method** | Push-in connection (tool-free wiring) | | **Number of Levels** | 1 | | **Number of Connections** | 2 | | **Nominal Cross Section** | 1.5 mm² | | **Color** | Green-Yellow (Standard for Grounding) | | **Mounting Type** | DIN Rail (NS 35/7,5 or NS 35/15) | | **Material** | Polyamide (PA) | --- ### Key Features and Functions 1. **Safety Grounding:** The primary function is to provide a low-resistance path to the ground. This ensures that in the event of a fault, the current is safely directed to the earth, preventing electric shock or equipment damage. 2. **Push-in Technology:** It allows for quick wiring. Rigid conductors or conductors with ferrules can be inserted directly without the need for a screwdriver. 3. **Mechanical Stability:** The metal foot of the terminal block makes a direct electrical connection with the DIN rail, which acts as the grounding busbar. 4. **Durability:** Built to withstand industrial environments, featuring high vibration resistance and flame-retardant materials (UL 94 V0 rating). ### Application Examples * **Control Cabinets:** Used to organize grounding wires from various sensors and actuators. * **Automation Systems:** Ensuring electromagnetic compatibility (EMC) by grounding shields. * **Power Distribution:** Providing a common ground point for modular electronic components. --- ### Wiring Example (Pseudo-Code Representation) While this is a physical hardware part, it is often represented in E-Plan or CAD software. In a wiring list, it might look like this: ```yaml Component: ID: PE_Terminal_01 Part_Number: 3201848 Input: Wire_Gauge: 1.5mm2 Color: Green/Yellow Mounting: Rail_Type: DIN_35 Connection: Rail_Contact_Metal_Foot ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the 1.5 mm² ground terminal?
    • ⤷ How does push-in technology compare to screw-clamp terminals?
    • ⤷ Are there specific end covers required for the 3201848 model?