전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 32905

  • AI
    The term **32905** in the electronics industry typically refers to two distinct categories: a **high-reliability military-grade connector** and a **potentiometer series**. Below is a detailed breakdown of the most common electronic components associated with this part number. --- ## 1. Electrical Connector (Mil-Spec / Industrial) The most common reference for "32905" in electronics is the **AMP / TE Connectivity** series of coaxial or wire terminals. These are often used in aerospace and defense applications. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | TE Connectivity / AMP | | **Type** | Ring Tongue Terminal / Coaxial Contact | | **Wire Gauge (AWG)** | 16-14 AWG | | **Insulation** | Non-Insulated / PIDG (depending on suffix) | | **Material** | Copper with Tin Plating | | **Stud Size** | #10 | --- ## 2. Trimming Potentiometer (Bourns 3290 Series) In circuit design, "3290" (with "5" often denoting a specific terminal style or resistance code) refers to a **Multiturn Cermet Trimmer**. This is a precision variable resistor used for fine-tuning voltage or current on a PCB. ### Key Characteristics * **Adjustment Type:** Top or side adjust (25 turns for high precision). * **Sealing:** Usually "sealed" to withstand board washing processes. * **Power Rating:** Typically 1.0 Watt at 70°C. * **Resistance Range:** 10 Ohms to 1 Megohm. --- ## 3. IC / Discrete Component Variations Occasionally, "32905" appears as a partial manufacturer house code or a timestamp for integrated circuits. * **Custom ASICs:** Some automotive modules (like those from Bosch or Delphi) use proprietary numbering starting with 32905 for internal power management chips. * **Sensors:** In some industrial catalogs, it refers to specific thermistor or NTC probe housings. --- ### Summary Checklist for Identification If you are holding a part labeled **32905**, use this guide to identify it: 1. **Is it a metal ring or pin?** It is likely a **TE Connectivity terminal**. 2. **Is it a small square box with a screw?** It is a **Bourns Potentiometer**. 3. **Is it an 8-pin or 16-pin chip?** It is likely a **proprietary IC** (check for manufacturer logos like ST, TI, or Bosch).
    ✨ Follow-up Questions
    • ⤷Are you looking for the pinout diagram for the 32905 connector?
    • ⤷ Do you need the specific resistance value for a 32905 potentiometer?
    • ⤷ Is this part for an automotive or aerospace application?