전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 34-R

  • AI
    The **34-R** designation is most commonly associated with a specific BCI (Battery Council International) group size for **automotive lead-acid batteries**. While "34" refers to the physical dimensions of the battery case, the **"R"** stands for **Reverse Polarity**. In a standard Group 34 battery, the positive terminal is on the left; in a 34-R, the positive terminal is on the right. --- ### 1. Technical Specifications The following table outlines the standard electronic and physical characteristics of a typical 34-R battery: | Characteristic | Typical Value | | :--- | :--- | | **Voltage** | 12 Volts DC | | **Cold Cranking Amps (CCA)** | 700 - 850 Amps | | **Reserve Capacity (RC)** | 100 - 120 Minutes | | **Terminal Orientation** | Positive (+) on the Right | | **Chemistry** | Lead-Acid (SLA/AGM) | | **Length** | 10.25 inches (260 mm) | | **Width** | 6.81 inches (173 mm) | | **Height** | 7.87 inches (200 mm) | --- ### 2. Internal Electronic Components A 34-R battery is an electrochemical device. Its internal "parts" consist of: * **Lead Plates:** Grids made of lead alloy. The positive plates are coated with lead dioxide ($PbO_2$), and the negative plates are sponge lead ($Pb$). * **Electrolyte:** A solution of sulfuric acid ($H_2SO_4$) and water. * **Separators:** Non-conductive porous sheets placed between positive and negative plates to prevent short circuits while allowing ionic flow. * **Bus Bars (Straps):** Heavy-duty lead connectors that weld the internal cells in a series circuit to achieve the 12V output. * **Pressure Relief Valves:** (In AGM versions) Electronic safety components that prevent the battery from exploding due to gas buildup during overcharging. --- ### 3. The "Reverse" (R) Distinction The electronic significance of the **R** suffix is crucial for installation safety. 1. **Terminal Layout:** If you attempt to install a standard 34 battery where a 34-R is required, the cables will likely be too short to reach the correct terminals. 2. **Circuit Protection:** Forcing a connection to the wrong terminals (Reverse Polarity) will cause an immediate massive current surge, potentially blowing: * The Main Fusible Link. * The Alternator diodes. * The Engine Control Unit (ECU). --- ### 4. Comparison: 34 vs. 34-R | Feature | Group 34 | Group 34-R | | :--- | :--- | :--- | | **Positive Terminal** | Left Side | Right Side | | **Negative Terminal** | Right Side | Left Side | | **Interchangeability** | Low (due to cable length) | Low (due to cable length) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an AGM and a standard Flooded 34-R battery?
    • ⤷ What happens to the electronics if a 34-R is installed with reversed polarity?
    • ⤷ Can a Group 34 battery be safely modified to fit a 34-R application?