전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 36-6-R

  • AI
    The **36-6-R** typically refers to a specific series of **Wirewound Power Resistors**, most commonly associated with manufacturers like *Ohmite* or *Huntington Electric*. These components are designed to dissipate heat while maintaining a specific resistance in high-power circuits. --- ### 1. Technical Specifications The "36-6-R" nomenclature usually breaks down into physical size, wattage rating, and mounting style. Below are the standard specifications for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Wirewound Resistor | | **Power Rating** | Generally 6.25 to 7 Watts (varies by specific series) | | **Resistance Range** | 0.1 $\Omega$ to 25k $\Omega$ (depending on tolerance) | | **Tolerance** | Standard ±5% (J) or ±10% (K) | | **Temperature Coefficient** | ±260 ppm/°C to ±400 ppm/°C | | **Core Material** | Ceramic (Steatite or Alumina) | | **Coating** | Vitreous Enamel or Silicone | --- ### 2. Physical Construction The "36-6-R" part belongs to the **Axial Lead** or **Radial Lug** category. * **Resistive Element:** A high-grade resistance alloy wire (like Nichrome) is wound onto a ceramic core. * **Encapsulation:** The assembly is coated in a flame-resistant material (Vitreous Enamel) that protects against moisture and oxidation. * **Terminals:** Usually tinned copper-clad steel leads or solder lugs for high-heat environments. --- ### 3. Key Applications Because of their high thermal stability, these parts are used in "heavy-duty" electronic environments: 1. **Current Sensing:** Low resistance values are used to monitor current flow in power supplies. 2. **Voltage Dividers:** Used in high-voltage circuits to step down potential safely. 3. **Dynamic Braking:** Small motor control circuits use these to dissipate energy during deceleration. 4. **Inrush Limiting:** Protecting sensitive components from sudden power surges during startup. --- ### 4. Identification Code Breakdown (Generic) While codes can vary by manufacturer, here is how the 36-6-R is typically interpreted: * **36:** Often indicates the physical series or frame size (length/diameter). * **6:** Represents the wattage (6 Watts). * **R:** Signifies the resistance value or a "RoHS" compliance indicator (Lead-Free). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for a 36-6-R series resistor?
    • ⤷ Can this part be used in high-frequency AC applications?
    • ⤷ What are the common failure modes for wirewound resistors?