전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3AG3-R

  • AI
    The **3AG3-R** refers to a specific type of electronic fuse. In the world of circuit protection, the "3AG" designation is a standard physical size, while the "-R" suffix typically denotes compliance with environmental standards (RoHS). --- ### 1. Technical Specifications The 3AG series is one of the most common glass-tube fuse standards used in consumer electronics and industrial equipment. | Feature | Specification | | :--- | :--- | | **Fuse Type** | Glass Body / Cartridge | | **Physical Size** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Speed/Characteristic** | Usually Fast-Acting (F) or Slow-Blow (T)* | | **Termination** | Cartridge (fits into clips or fuse holders) | | **Standard Compliance** | RoHS Compliant (The "-R" suffix) | *\*Note: The exact amperage and speed depend on the numbers preceding or following the 3AG code in a specific manufacturer's catalog (e.g., Littelfuse 0312 series).* --- ### 2. Breakdown of the Part Name Understanding the nomenclature helps in identifying replacements: 1. **3AG**: This is a historical American designation. The "3" refers to the size (1.25 inches long), and "AG" stands for **Automotive Glass**, though they are now used in almost all electronics, not just cars. 2. **3**: Represents the specific 6.3mm diameter. 3. **-R**: Indicates that the part is **RoHS (Restriction of Hazardous Substances) Compliant**, meaning it is lead-free and environmentally safe. --- ### 3. Common Applications Because of their standardized size, 3AG-R fuses are found in: * **Power Supplies:** Protecting against overcurrent in desktop computers or servers. * **Amplifiers:** Used in high-end audio equipment. * **Testing Equipment:** Multimeters and oscilloscopes often use this size for internal protection. * **Home Appliances:** Microwave ovens and older television sets. --- ### 4. Safety and Replacement Tips When replacing a 3AG3-R fuse, it is critical to match more than just the physical size: * **Voltage Rating:** Ensure the replacement fuse has a voltage rating equal to or higher than the original. * **Amperage:** Never use a higher ampere fuse than specified, as this creates a fire hazard. * **Blow Speed:** Ensure you distinguish between "Fast-Acting" (breaks instantly) and "Time-Delay/Slow-Blow" (allows for momentary surges).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 3AG and a 3AB fuse?
    • ⤷ How can I tell if a 3AG-R fuse is fast-acting or slow-blow?
    • ⤷ Can I use a ceramic fuse to replace a 3AG glass fuse?