전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3AG3AP250-R

  • AI
    ## 3AG 3AP 250-R Technical Overview The **3AG 3AP 250-R** is a specific model of a glass body cartridge fuse. This part follows the standard "3AG" size format, which is one of the most common fuse types used in consumer electronics and industrial equipment. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | 3AG 3AP 250-R | | **Fuse Type** | Cartridge, Glass Body | | **Size Designation** | 3AG (approx. 6.3mm x 32mm / 1/4" x 1-1/4") | | **Current Rating** | 250mA (0.25 Amperes) | | **Voltage Rating** | 250V AC | | **Response Characteristic** | Fast-Acting / Fast Blow | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps identify compatible replacements: * **3AG:** This is the physical size standard. 3AG fuses are cylindrical, measuring **6.35mm x 31.75mm**. * **3AP:** Often refers to the specific series or packaging style (in this case, typically a Fast-Acting characteristic). * **250:** Represents the current rating. In this context, it stands for **250mA** (milliampere). * **-R:** Signifies that the part is **RoHS (Restriction of Hazardous Substances) compliant**, meaning it is lead-free. --- ### 3. Functional Characteristics * **Fast-Acting:** This fuse is designed to blow quickly when an overcurrent occurs. It provides excellent protection for sensitive electronic components that cannot withstand a surge for even a short duration. * **Glass Body:** The transparent glass allows for easy visual inspection. If the internal filament is broken or the glass is darkened, the fuse is blown and must be replaced. * **Interrupting Rating:** Usually rated for a specific breaking capacity (e.g., 35A @ 250VAC), ensuring it can safely stop the flow of electricity without the fuse body exploding. --- ### 4. Common Applications Due to its low current rating (250mA) and fast-acting nature, it is typically found in: 1. **Power Supplies:** Protecting the primary or secondary side of small transformers. 2. **Test Equipment:** Protecting internal circuitry in multimeters or oscilloscopes. 3. **Consumer Electronics:** Amplifiers, older television sets, and chargers. --- ### 5. Safety & Replacement Note > **Warning:** Always replace a fuse with one of the exact same current (250mA) and voltage (250V) rating. Replacing a 3AG 250mA fuse with a higher-rated fuse (e.g., 1A) can lead to equipment fire or permanent circuit damage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and a Time-Delay (Slow-Blow) fuse in this size?
    • ⤷ Can I use a 250V fuse in a 125V circuit?
    • ⤷ What are the common manufacturers for the 3AG fuse series?