전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3AG3AP750-R

  • AI
    The part number **3AG3AP750-R** refers to a specific type of electronic protection component: a **Cartridge Fuse** from the 3AG series (standard 1/4" x 1-1/4"). --- ## 1. Technical Specifications The code can be broken down to identify the electrical characteristics of the fuse. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | 3AG | Standard size (6.35mm x 31.75mm) | | **Current Rating** | 750mA | Rated for 0.75 Amperes | | **Voltage Rating** | 250V | Maximum operating voltage | | **Characteristic** | Fast-Acting (F) | Opens quickly upon overload | | **Body Material** | Glass | Transparent body for visual inspection | | **Termination** | Axial Lead | Often indicated by "AP" suffix for through-hole PCB mounting | | **RoHS Status** | -R Suffix | Compliant with lead-free regulations | --- ## 2. Component Construction The "3AG" designation is one of the most common glass fuse standards. ### Physical Dimensions * **Diameter:** 1/4 inch (approx. 6.3mm) * **Length:** 1-1/4 inch (approx. 32mm) ### Lead Configuration (AP) The **"AP"** in the part number typically signifies **Axial Pigtail Leads**. Instead of fitting into a traditional fuse clip, these fuses have wires soldered to the end caps, allowing them to be soldered directly into a Printed Circuit Board (PCB). --- ## 3. Applications Because this is a fast-acting, low-current fuse (750mA), it is primarily used to protect sensitive electronic circuits where a quick disconnect is required to prevent component damage. * **Consumer Electronics:** Power supplies for monitors or audio equipment. * **Industrial:** Protection for PLCs and control circuits. * **Testing Equipment:** Multimeters and diagnostic tools. --- ## 4. Key Advantages 1. **Visual Confirmation:** The glass body allows users to see if the internal filament has melted. 2. **Fast Response:** Protects delicate semiconductors from short circuits faster than "Slow-Blow" fuses. 3. **Space Saving:** The axial leads eliminate the need for bulky fuse blocks or holders. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 3AG and a 3AB fuse?
    • ⤷ Can this fuse be replaced with a 1A version if a 750mA is unavailable?
    • ⤷ How do I test if this axial lead fuse is blown using a multimeter?