3AG6-R
AI

## Technical Overview: 3AG6-R Electronic Component
The **3AG6-R** is a specific type of **miniature cartridge fuse**. In electronic terminology, "3AG" refers to the physical size and form factor, while "R" typically denotes compliance with specific environmental standards (like RoHS) or specific resistance/response characteristics depending on the manufacturer (most commonly Littelfuse or Bussmann).
---
### 1. Physical Specifications
The 3AG series is one of the most common fuse standards used in consumer electronics and industrial equipment.
| Feature | Specification |
| :--- | :--- |
| **Diameter** | 6.35 mm (1/4 inch) |
| **Length** | 31.75 mm (1-1/4 inch) |
| **Body Material** | Glass (Transparent for visual inspection) |
| **End Caps** | Nickel-plated brass |
---
### 2. Key Electrical Characteristics
While the specific current rating depends on the full part number (e.g., 3AG6-R might refer to a 6-Ampere variant), the general characteristics of the series are:
* **Type:** Fast-Acting (F) or Normal Blow. It is designed to interrupt the circuit quickly upon sensing an overcurrent.
* **Voltage Rating:** Commonly rated for **250V AC**.
* **Interrupting Rating:** Usually capable of handling 35A at 250V AC or up to 10,000A at 125V AC.
* **RoHS Compliant:** The "-R" suffix in modern electronic components almost universally signifies **RoHS (Restriction of Hazardous Substances)** compliance, meaning it is lead-free.
---
### 3. Common Applications
The 3AG6-R is used as a safety device to protect circuits from overcurrent and short-circuit damage.
1. **Power Supplies:** Protecting the input stage of desktop computers or laboratory equipment.
2. **Amplifiers:** Found in the rear panels of guitar amps and high-fidelity audio systems.
3. **Appliances:** Used in microwave ovens, coffee makers, and older television sets.
4. **Testing Equipment:** Multimeters and oscilloscopes often use this size for internal protection.
---
### 4. Comparison with Other Sizes
It is important not to confuse the 3AG with the smaller European standard.
| Standard | Dimensions | Common Name |
| :--- | :--- | :--- |
| **3AG (311/312)** | 6.3 x 32 mm | 1/4" Fuse |
| **5x20mm** | 5.0 x 20 mm | Midget/Metric Fuse |
---
### Summary Checklist for Replacement
If you are replacing a **3AG6-R**, ensure the following:
* **Current (A):** Must match the original (e.g., 6 Amps).
* **Voltage (V):** The replacement must have a voltage rating equal to or higher than the original.
* **Speed:** Ensure it is "Fast-Acting" if the original was marked as such; do not replace a fast-acting fuse with a "Slow-Blow" (Time-Delay) fuse.
- ⤷
What is the difference between a Fast-Acting and a Slow-Blow 3AG fuse?
- ⤷ How can I tell if a glass 3AG fuse is blown without a multimeter?
- ⤷ Are there ceramic versions of the 3AG6-R for higher heat resistance?