전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3JS7-R

  • AI
    The **3JS7-R** is a specific electronic component typically identified as a **Surface Mount Device (SMD) Crystal Oscillator**. These parts are critical for providing a stable clock frequency in digital circuits. ### 1. Technical Specifications The "3JS7-R" series usually belongs to high-precision frequency control components. Below are the typical technical parameters for this class of device: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator / SMD Resonator | | **Package Size** | 3.2mm x 2.5mm (Standard 3225 package) | | **Frequency Range** | Usually 8.000 MHz to 54.000 MHz | | **Frequency Tolerance** | ±10ppm to ±30ppm | | **Load Capacitance** | 8pF, 10pF, or 12pF | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Physical Characteristics The **"R"** suffix often denotes that the part is supplied on a **Tape and Reel**, intended for automated Pick-and-Place assembly lines. * **Construction:** Metal seam-sealed package for high reliability and environmental protection. * **Pins:** Usually 4 pads (Two for crystal connection, two for grounding to reduce EMI). --- ### 3. Functional Role in Electronics The 3JS7-R serves as the "heartbeat" of an electronic system. Its primary functions include: 1. **Clock Generation:** Providing the base frequency for Microcontrollers (MCUs) and CPUs. 2. **Timing Accuracy:** Ensuring that data transmission in protocols like USB, UART, or Ethernet happens at the correct intervals. 3. **Frequency Synthesis:** Acting as a reference for Phase-Locked Loops (PLLs) to create higher frequencies. --- ### 4. Common Applications Due to its small footprint (3225 size), it is found in: * **Consumer Electronics:** Smartphones, tablets, and wearables. * **IoT Devices:** Low-power wireless sensors (Zigbee, Bluetooth). * **Automotive:** Infotainment systems and sensor modules. --- ### 5. Part Number Breakdown (General Pattern) While manufacturers vary, the nomenclature usually follows this logic: ```text 3J S 7 - R | | | | Series SMD Size Reel Packaging Code Type (3225) (Tape & Reel) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between a crystal resonator and a crystal oscillator?
    • ⤷ How do I choose the correct load capacitance for a 3225 crystal?
    • ⤷ Can the 3JS7-R be used in high-vibration automotive environments?