전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3MA-R

  • AI
    The **3MA-R** is a specific technical code commonly associated with a high-performance **Brushless DC (BLDC) motor** and its integrated **Electric Speed Controller (ESC)** system, often used in professional-grade drones, heavy-lift multirotors, or industrial robotics. Below is a breakdown of the electronic components and technical specifications associated with this hardware class. --- ### 1. Technical Specifications Table | Feature | Typical Specification | Function | | :--- | :--- | :--- | | **Motor Type** | External Rotor (Outrunner) | Provides high torque for large propellers. | | **Input Voltage** | 6S - 12S LiPo (22.2V - 44.4V) | High voltage for efficiency and power. | | **Max Thrust** | ~3kg to 7kg (depending on prop) | Determines the lifting capacity. | | **ESC Protocol** | CAN-BUS / PWM | Communication between Flight Controller and Motor. | | **Protection Grade** | IP54 / IPX7 | Dust and water resistance for outdoor use. | --- ### 2. Core Electronic Components #### A. The Stator and Windings The internal "fixed" part of the motor consists of high-quality silicon steel laminations. The copper windings are usually **hand-wound** to ensure high fill factors, which minimizes resistance and heat generation during high-amperage draws. #### B. The ESC (Electronic Speed Controller) The "R" in many series (like the 3MA-R) often signifies an **Integrated Smart ESC**. * **MOSFETs:** High-current metal-oxide-semiconductor field-effect transistors that switch the power to the motor phases. * **MCU (Microcontroller):** A 32-bit processor that runs FOC (Field Oriented Control) algorithms for smooth throttle response. * **Sensors:** Thermal sensors to prevent overheating and voltage sensors to monitor battery health. #### C. Connectivity (Signal & Power) 1. **Power Leads:** Heavy-gauge silicone wire (usually 12AWG to 14AWG) to handle high current. 2. **Signal Port:** Often uses a 4-pin or 6-pin connector for: * PWM (Pulse Width Modulation) input. * Telemetry output (RPM, Temperature, Current). * Ground and 5V reference. --- ### 3. Key Electronic Features * **Active Braking (Damping Light):** When you reduce throttle, the ESC actively slows down the motor, allowing for much more agile flight maneuvers. * **FOC (Field Oriented Control):** Unlike standard square-wave ESCs, FOC uses sine-wave driving. This makes the motor quieter, more efficient, and cooler. * **LED Feedback:** Most 3MA-R modules include a high-brightness LED at the base for orientation and status debugging (e.g., flashing red for a "stalled motor" error). --- ### 4. Application Logic The 3MA-R series is designed for **Reliability ("R")**. It is typically found in: * Agricultural spraying drones (DJI T-series or similar custom builds). * Search and Rescue (SAR) heavy-lift platforms. * Industrial mapping drones.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FOC and Square-wave ESCs in these motors?
    • ⤷ How do I calibrate the 3MA-R motor with a standard flight controller?
    • ⤷ What propeller sizes are most compatible with the 3MA-R series?