전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 3QL60AO-22

  • AI
    The **3QL60A/O-22** refers to a high-power Three-Phase Silicon Bridge Rectifier. These components are primarily used to convert alternating current (AC) into a stable direct current (DC) output in industrial power systems. --- ### 1. Technical Specifications Below are the typical parameters associated with this specific model: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Model** | 3QL60A/O-22 | 3-Phase Bridge Configuration | | **Max Output Current ($I_o$)** | 60 Amperes | Total DC output current capability | | **Peak Reverse Voltage ($V_{RRM}$)** | 2200 Volts | The maximum voltage it can withstand in reverse | | **Forward Voltage Drop ($V_F$)** | ~1.2V - 1.5V | Voltage lost across each diode during conduction | | **Isolation Voltage ($V_{iso}$)** | 2500V AC | Insulation between the internal circuit and the base | | **Operating Temperature** | -40°C to +150°C | Thermal operating range | --- ### 2. Physical Construction The device is usually housed in a modular, bolt-down package designed for heat dissipation. * **Internal Circuit:** It consists of six high-power diodes arranged in a bridge network. * **Terminals:** It features five terminals: * **Three AC inputs (L1, L2, L3):** Where the 3-phase power is connected. * **Two DC outputs (+ and -):** Where the rectified DC current is drawn. * **Baseplate:** Typically made of copper or aluminum with an electrically isolated surface to allow direct mounting onto a heatsink. --- ### 3. Key Applications Because of its high voltage rating (2200V) and current capacity (60A), this part is commonly used in: 1. **Industrial Power Supplies:** Providing DC power for heavy machinery. 2. **Motor Drives:** Used in the front-end rectification stage of Variable Frequency Drives (VFDs). 3. **Battery Chargers:** Large-scale industrial charging stations. 4. **Welding Equipment:** Converting transformer output to DC for stable arc welding. 5. **Renewable Energy:** Rectifying AC output from wind turbines or hydroelectric generators. --- ### 4. Safety and Thermal Management Since this device handles up to 60A, it generates significant heat. * **Heatsink:** Must be mounted on a properly sized heatsink using thermal paste. * **Overvoltage:** While rated for 2200V, transient voltage suppressors (TVS) or Varistors (MOV) are often recommended to protect against spikes in industrial environments.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for a 3-phase bridge rectifier?
    • ⤷ How do I calculate the heat dissipation requirements for a 60A rectifier?
    • ⤷ What is the difference between a 3QL and a SQL series rectifier?