3SBP750-R
AI

## Electronic Component Overview: 3SBP750-R
The **3SBP750-R** is a specific type of electronic protection component, primarily categorized as a **slow-blow (time-delay) cartridge fuse**. It is manufactured by **Bel Fuse Inc.** and belongs to the 3SBP series.
---
### 1. Technical Specifications
Below are the primary technical characteristics of the 3SBP750-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 750 mA (0.75A) |
| **Voltage Rating (AC)** | 250 V |
| **Fuse Type** | Glass Body / Cartridge |
| **Response Characteristic** | Slow-Blow (Time-Delay) |
| **Size / Dimension** | 6.3mm x 32mm (1/4" x 1-1/4") |
| **Termination Style** | Pigtail Lead (Axial Through-hole) |
| **Breaking Capacity** | 200A @ 250V AC |
| **RoHS Status** | RoHS 2 Compliant (-R suffix) |
---
### 2. Key Features and Construction
The 3SBP750-R is designed with specific physical and electrical attributes to suit industrial and consumer electronics:
* **Pigtail Leads:** The "P" in the series name often denotes pigtail leads. These are wire leads attached to the end caps, allowing the fuse to be soldered directly onto a Printed Circuit Board (PCB) without a fuse holder.
* **Slow-Blow Mechanism:** Unlike fast-acting fuses, this component is designed to withstand temporary "inrush" currents (brief surges that occur when a device is first turned on) without blowing. It will only open the circuit if the overcurrent persists.
* **Glass Body:** The transparent glass body allows for easy visual inspection to see if the internal filament has melted.
---
### 3. Applications
This fuse is commonly used in power supplies and consumer electronics where initial startup currents are higher than the steady-state operating current.
* **Power Supplies:** Protecting against sustained overcurrent while ignoring transformer inrush.
* **Monitors/Displays:** Used in internal circuitry for CRT or older LCD power boards.
* **Industrial Control:** Protecting sensitive low-current circuits (under 1 Amp).
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **3SB** | Series designation (3SB = 1/4" x 1-1/4" Time-Delay) |
| **P** | Pigtail / Axial Lead style |
| **750** | Current rating in milliamps (750mA) |
| **-R** | RoHS Compliant (Lead-free) |
---
- ⤷
What is the difference between the 3SBP750-R and the standard 3SB750-R without the 'P'?
- ⤷ Can this fuse be used in DC circuits
- ⤷ and are there voltage derating factors?
- ⤷ What are the soldering temperature recommendations for axial lead fuses like this?