전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 4-P16-R

  • AI
    The part number **4-P16-R** typically refers to a specific type of **Rotary Switch** or **Potentiometer hardware component**, often associated with industrial control interfaces or panel-mounted electronics. Below is a detailed breakdown of the specifications, functions, and technical characteristics associated with this component type. --- ## 1. Component Overview The "4-P16" series is generally identified as a **Miniature Rotary Potentiometer** or **Selector Switch** designed for compact electronic panels. ### Key Specifications | Feature | Typical Specification | | :--- | :--- | | **Type** | Rotary Control / Potentiometer | | **Mounting Type** | Panel Mount | | **Termination** | Solder Lugs or PC Pins | | **Rotation Angle** | 300° ± 5° | | **Power Rating** | 0.05W to 0.1W | | **Standard Resistance** | Variable (often 10kΩ to 100kΩ) | | **Housing Diameter** | 16mm (indicated by the '16' in the part number) | --- ## 2. Part Number Breakdown While numbering conventions vary by manufacturer (such as Alpha, Noble, or Bourns), the code can generally be decoded as follows: * **4**: Often indicates the number of poles or a specific shaft style (e.g., flatted or knurled). * **P**: Stands for "Potentiometer" or "Panel Mount." * **16**: Refers to the **16mm diameter** of the body, which is a standard industrial size. * **R**: Typically denotes **Right Angle** mounting or **RoHS Compliant**. --- ## 3. Internal Construction These parts are electromechanical devices consisting of: 1. **Resistive Element:** Usually carbon composition or cermet. 2. **Wiper:** A metal contact that moves across the resistive element to vary voltage/resistance. 3. **Shaft:** The physical interface used to turn the wiper. 4. **Bushings:** The threaded part used to secure the component to a chassis. --- ## 4. Common Applications Due to its small footprint (16mm), the 4-P16-R is widely used in: * **Audio Equipment:** Volume controls for guitar amplifiers or mixers. * **Industrial Dimmers:** Adjusting brightness levels on control panels. * **Sensors:** Used as a position sensor in mechanical linkages. * **Consumer Electronics:** Speed controllers for small fans or motors. --- ## 5. Typical Wiring Diagram For a 3-terminal potentiometer configuration: ```text Terminal 1: Ground (CCW) Terminal 2: Wiper (Output Signal) Terminal 3: Input Voltage (CW) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a linear and logarithmic taper for this part?
    • ⤷ How do I test the functionality of a 4-P16-R using a multimeter?
    • ⤷ Are there waterproof versions of the 16mm rotary series?