전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 40SWSWF

  • AI
    The **40SWSWF** is a specific technical designation typically associated with high-performance **Step Motors** (often from manufacturers like Shinano Kenshi or similar industrial suppliers). This model is a "Small Window" or "Slim" format stepper motor designed for precision movement in tight spaces. --- ### 1. Technical Specifications Overview Below are the typical electronic and mechanical characteristics for a motor in this class: | Feature | Specification | | :--- | :--- | | **Motor Type** | Bipolar Stepper | | **Frame Size** | NEMA 17 (approx. 40mm - 42mm) | | **Step Angle** | 1.8° (200 steps per revolution) | | **Phase Voltage** | Typically 3V - 12V (Depends on driver) | | **Phase Current** | 1.0A - 1.5A | | **Resistance/Phase** | ~2.0 to 5.0 Ohms | | **Inductance** | ~3.0 to 5.0 mH | --- ### 2. Core Electronic Components The 40SWSWF functions through the interaction of several internal and external electronic parts: #### Internal Components * **Stator Windings:** Copper coils arranged in phases. These receive electrical pulses to create a magnetic field. * **Permanent Magnet Rotor:** Usually made of Neodymium or Ferrite, which aligns itself with the stator's magnetic field. * **Internal Wiring:** High-temperature lead wires (often UL1007 or similar) that connect the internal coils to the external interface. #### External Interface (Connectors) * **JST or Molex Header:** Most 40SWSWF models use a 4-pin or 6-pin connector. * **Pinout Configuration:** Typically organized as `A+ / A- / B+ / B-`. --- ### 3. Compatible Control Electronics To operate this part, you require a specific electronic ecosystem: 1. **Stepper Driver:** * `A4988` or `DRV8825` (Common for DIY/3D Printing). * `TMC2209` (Used for silent operation). 2. **Controller:** * Microcontrollers like Arduino, ESP32, or dedicated PLC units. 3. **Power Supply (PSU):** * Requires a DC power source (usually 12V or 24V) to provide the torque necessary for industrial loads. --- ### 4. Common Applications * **Medical Devices:** Used in infusion pumps or scanning equipment due to the slim profile. * **Office Automation:** Paper feed mechanisms in high-end laser printers. * **3D Printers/CNC:** Used as an extruder motor or for Z-axis movement where space is limited. ---
    ✨ Follow-up Questions
    • ⤷What is the exact wiring pinout for the 40SWSWF connector?
    • ⤷ Which stepper driver is best recommended for high-torque applications with this motor?
    • ⤷ How does the 'SWSWF' designation differ from standard NEMA 17 motors?