전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 4343-R

  • AI
    The **4343-R** typically refers to a specific type of high-performance radio frequency (RF) module or chipset often used in industrial IoT, smart metering, and wireless communication. Most commonly, this nomenclature is associated with **Sena Technologies** or specific **Broadcom/Cypress** based Wi-Fi/Bluetooth combos. Below is an overview of the electronic components and technical specifications associated with this part. --- ### 1. Core Technical Specifications The 4343-R series is generally designed for low-power, short-range wireless communication. | Feature | Specification | | :--- | :--- | | **Chipset Family** | Broadcom/Cypress CYW4343 | | **Connectivity** | Wi-Fi 802.11 b/g/n + Bluetooth 4.1/5.0 | | **Frequency Band** | 2.4 GHz | | **Host Interface** | SDIO (Wi-Fi), UART (BT) | | **Voltage Supply** | 3.0V to 3.6V (Typical 3.3V) | | **Operating Temp** | -30°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Components A module like the 4343-R is a "System-on-Module" (SoM) or a highly integrated PCB. It contains several critical electronic parts: #### A. The SoC (System on Chip) The heart of the module is the **CYW43438** (or similar). This silicon die integrates: * **MAC/Baseband/Radio:** Handles the physical transmission of data. * **ARM Cortex-M3:** An internal processor that manages the wireless stacks, offloading tasks from the main host CPU. #### B. RF Front-End * **Power Amplifier (PA):** Boosts the signal for transmission to achieve maximum range. * **Low Noise Amplifier (LNA):** Increases the sensitivity of the receiver to pick up weak signals. * **Transmit/Receive (T/R) Switch:** Toggles the antenna between the sender and receiver circuits. #### C. Clocking and Power Management * **TCXO (Temperature Compensated Crystal Oscillator):** Provides a precise frequency reference (usually 37.4 MHz) to ensure the radio stays on the correct channel despite temperature changes. * **PMU (Power Management Unit):** Internal LDOs (Low Dropout Regulators) and buck converters that step down the input voltage to the 1.1V - 1.2V required by the chip core. --- ### 3. Pinout and Integration Integration of the 4343-R requires connecting several functional groups of pins: 1. **SDIO Interface:** Used for high-speed Wi-Fi data transfer to the Linux or RTOS host. 2. **UART Interface:** A standard 4-wire serial connection used specifically for Bluetooth data and commands (HCI). 3. **Antenna Port:** Usually a 50-ohm trace leading to a PCB trace antenna or a U.FL connector. 4. **GPIOs:** Used for "Wake on Wireless" or "Coexistence" signals (to prevent Wi-Fi and Bluetooth from interfering with each other). --- ### 4. Applications Due to its small footprint and low power consumption, the 4343-R is found in: * **Handheld Terminals:** Industrial scanners and POS systems. * **Smart Home:** Thermostats and security cameras. * **Medical Devices:** Patient monitoring equipment requiring reliable 2.4GHz links.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption differences between the Wi-Fi and Bluetooth modes on this chip?
    • ⤷ How do I interface the 4343-R with a Linux-based microprocessor?
    • ⤷ Does the 4343-R support 5GHz Wi-Fi bands?