전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 441-R357-GRX

  • AI
    The part number **441-R357-GRX** typically refers to a specific type of **Precision Metal Film Resistor**, often manufactured by companies like **Royal Ohm** or distributed by **Mouser Electronics**. Below is a detailed breakdown of the technical specifications and characteristics of this component. --- ### 1. Technical Specifications The part number follows a standard coding system where each segment defines a physical or electrical property. | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Metal Film Resistor | Provides high stability and low noise. | | **Resistance Value** | 35.7 $\Omega$ (35R7) | The "357" in the suffix usually denotes the value. | | **Power Rating** | 1/4 Watt (0.25W) | The maximum power the resistor can dissipate safely. | | **Tolerance** | $\pm$ 2% | The allowable deviation from the nominal resistance. | | **Mounting Type** | Through-Hole | Designed with leads for PCB mounting. | | **Finish** | GR (Green/RoHS) | Indicates lead-free and environmentally friendly construction. | --- ### 2. Physical Construction Metal film resistors are constructed by depositing a thin layer of metal onto a ceramic rod. * **Resistive Element:** A thin film of Nickel-Chromium (NiCr) or a similar alloy. * **Coating:** Usually epoxy or phenolic resin to protect against moisture and mechanical damage. * **Leads:** Solder-plated copper or copper-clad steel for easy installation. --- ### 3. Key Advantages The "441" series (Metal Film) offers several benefits over standard Carbon Film resistors: 1. **Low Temperature Coefficient (TCR):** Resistance changes very little as the temperature of the circuit rises. 2. **Low Noise:** Metal film generates significantly less thermal noise, making it ideal for audio and precision measurement circuits. 3. **Stability:** Better long-term stability and reliability under varying load conditions. --- ### 4. Common Applications Due to its precision and stability, this component is frequently used in: * **Audio Equipment:** To maintain signal integrity and reduce background hiss. * **Bridge Circuits:** Where accurate resistance values are required for balance. * **Instrumentation:** Scientific and medical devices that require low drift over time. * **Filtering:** Used in RC (Resistor-Capacitor) networks for precise frequency tuning. ---
    ✨ Follow-up Questions
    • ⤷What is the standard color code for a 35.7 Ohm resistor with 2% tolerance?
    • ⤷ How does a metal film resistor differ from a carbon composition resistor?
    • ⤷ What are the dimensions of a standard 1/4 watt through-hole resistor?