전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 4414P-R2R-503

  • AI
    The **4414P-R2R-503** is a high-precision electronic component manufactured primarily by **Bourns**. It belongs to the category of Passive Components, specifically identified as a **Resistor Network**. Below is a detailed breakdown of its specifications, architecture, and applications. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | 4414P | 14-pin Medium Profile Surface Mount (SOL) | | **Circuit Type** | R2R Ladder | Used for Digital-to-Analog conversion | | **Resistance Value** | 50kΩ (503) | "50" followed by "3" zeros | | **Tolerance** | ±2% (Standard) | Accuracy of the resistor values | | **Temperature Coefficient** | ±100 ppm/°C | Stability over temperature changes | | **Package Style** | Molded Wide Body (SOIC) | Surface mount technology (SMT) | --- ### 2. Internal Architecture: The R2R Ladder The "R2R" designation is the most critical part of this component. An R2R ladder is a specific arrangement of resistors used to convert digital signals into an analog voltage output. * **Structure:** It consists of two resistor values: **R** and **2R**. In this specific model (503), $R = 50k\Omega$ and $2R = 100k\Omega$. * **Function:** By applying binary inputs (High/Low voltage) to the pins, the ladder acts as a binary-weighted voltage divider. * **Pins:** Since this is a 14-pin package, it typically supports an **8-bit** conversion (using 8 input pins, with the remaining pins used for Ground, Output, and Terminations). --- ### 3. Key Advantages * **Precision Matching:** Because all resistors are fabricated on the same substrate, they track each other perfectly in terms of temperature and age, which is nearly impossible with discrete resistors. * **Space Saving:** One 14-pin chip replaces up to 16 individual resistors. * **Reliability:** Reduced solder points compared to discrete components increases the Mean Time Between Failures (MTBF). --- ### 4. Common Applications 1. **Digital-to-Analog Converters (DAC):** Creating an analog voltage from a microcontroller's GPIO pins. 2. **Gain Control:** Used in operational amplifier circuits to set precise gain levels. 3. **Signal Processing:** Implementing filters or waveform generators in audio and industrial equipment.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the output voltage for an 8-bit R2R ladder?
    • ⤷ What are the physical dimensions of the 4414P package?
    • ⤷ Can this part be used for High-Speed signal processing?