전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 4616M-R2R-503

  • AI
    The **4616M-R2R-503** is a specialized passive electronic component known as a **Resistor Network**, specifically an **R-2R Ladder Network**. These are primarily used in Digital-to-Analog conversion processes. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **46** | Series | Conformal Coated SIP (Single In-line Package) | | **16** | Pin Count | 16-pin package | | **M** | Profile | Medium profile height (approx. 6.35mm) | | **R2R** | Circuit Type | R-2R Ladder configuration | | **503** | Resistance Value | 50k Ohms (50 followed by 3 zeros) | --- ## 2. Technical Specifications The 4616M series is typically manufactured by **Bourns**. Below are the core technical parameters: * **Resistance (R):** 50,000 Ohms (50 kΩ). * **Tolerance:** Typically ±2% for the resistance value, but more importantly, high accuracy in the ratio matching. * **Package Type:** SIP (Single In-line Package) with through-hole mounting. * **Number of Bits:** For a 16-pin R-2R ladder, this typically supports an **8-bit** or **14-bit** conversion depending on how the common and reference pins are grounded/terminated. * **Temperature Coefficient:** ±100 ppm/°C. --- ## 3. Functionality: The R-2R Ladder The "R-2R" designation refers to the internal architecture. It uses only two resistor values: **R** (50kΩ) and **2R** (100kΩ). ### How it Works: 1. **Binary Weighting:** The network acts as a precision voltage divider. By applying digital high (1) or low (0) signals to the input pins, the output voltage represents a fraction of the reference voltage. 2. **Impedance Matching:** The beauty of the R-2R design is that the output impedance is always **R**, regardless of the digital input combination, making it easy to interface with amplifiers. --- ## 4. Common Applications This part is rarely found in modern consumer smartphones but is vital in specific industrial and legacy electronics: * **Digital-to-Analog Converters (DAC):** Converting digital binary data into a proportional analog voltage. * **Variable Gain Amplifiers:** Used in the feedback loop to control gain digitally. * **Function Generators:** Creating waveforms (sine, square, triangle) from a microcontroller. * **Motor Control:** Precision speed or position control signals. --- ## 5. Wiring Diagram Concept In a 16-pin R-2R SIP, the internal connections generally look like this: ```text Pin 1: Common / Ground Pin 2-15: Digital Inputs (Bit 0 through Bit N) Pin 16: Analog Output ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an R-2R ladder and a binary-weighted resistor network?
    • ⤷ How do I calculate the output voltage for a 50k R-2R ladder?
    • ⤷ What are the advantages of using a SIP resistor network over discrete resistors?