전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47DM-1020-R

  • AI
    The **47DM-1020-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications While specifications can vary slightly by manufacturer (often associated with brands like **Coilcraft** or generic industrial suppliers), the "1020" series usually follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 1.0 µH to 2.0 µH (Series dependent) | | **Package Size** | 10mm x 10mm (approximate base) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Composite Iron | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number * **47DM:** Usually refers to the manufacturer's series designation for High-Current Power Inductors. * **1020:** Represents the physical dimensions. In the metric/imperial hybrid naming system, this often indicates a footprint of roughly 10mm length/width and a specific height profile. * **R:** Stands for **RoHS Compliant**, meaning the part is manufactured without hazardous substances like lead. --- ### 3. Functional Role in Electronics The 47DM-1020-R serves several critical functions within a circuit: 1. **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. 2. **DC-DC Conversion:** It is a core component in Buck (step-down) or Boost (step-up) converters to provide a stable output voltage. 3. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through, ensuring "clean" power to sensitive components like CPUs. --- ### 4. Common Applications Due to its high current handling capabilities and compact size, it is commonly found in: * **Mainboards:** Voltage Regulator Modules (VRMs) for laptops and PCs. * **Telecommunications:** Base stations and networking hubs. * **Industrial Power Supplies:** High-efficiency DC-DC modules. * **Automotive Electronics:** Infotainment and LED lighting drivers. ---
    ✨ Follow-up Questions
    • ⤷What is the current rating (Amps) for the 47DM-1020-R?
    • ⤷ Which manufacturers produce the 47DM series inductors?
    • ⤷ How do I calculate the ripple current for this inductor in a buck converter?