전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47DM-1029-R

  • AI
    The part number **47DM-1029-R** typically refers to a specific type of **RJ45 Modular Jack** connector, often used in networking and telecommunications hardware. These components are designed to provide a physical interface for Ethernet cables. --- ### Technical Specifications Based on standard industry naming conventions for this series (often associated with manufacturers like Adam Tech), here are the typical specifications: | Feature | Description | | :--- | :--- | | **Component Type** | RJ45 Modular Jack | | **Position/Contacts** | 8P8C (8 Positions, 8 Contacts) | | **Orientation** | Right Angle (Horizontal) | | **Mounting Type** | Through-Hole (THT) | | **Shielding** | Fully Shielded with EMI Tabs | | **LEDs** | Often integrates Green/Yellow LEDs (depending on suffix) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### Key Electronic Features 1. **EMI/RFI Shielding:** The metal outer shell (shield) protects the data signal from Electromagnetic Interference and Radio Frequency Interference, which is critical for maintaining high-speed data integrity. 2. **Gold Plating:** The internal contact pins are usually plated with gold (e.g., 15u", 30u", or 50u") to prevent oxidation and ensure a low-resistance electrical connection over thousands of mating cycles. 3. **Mechanical Stability:** Features "solder tabs" or "shield tabs" that are soldered into the PCB to provide mechanical strength, preventing the jack from being ripped off the board during cable insertion/removal. 4. **Integrated Magnetics (Optional):** While some "47DM" series are simple connectors, many versions include "MagJack" technology—internal transformers and filters that provide signal conditioning and high-voltage isolation between the cable and the PHY chip. --- ### Application Usage These parts are commonly found in the following devices: * **Network Switches/Routers:** Providing the physical ports for LAN connections. * **Industrial PCs:** Used for robust Ethernet communication. * **IoT Gateways:** Enabling wired internet connectivity. * **Consumer Electronics:** Laptops, gaming consoles, and smart TVs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between shielded and unshielded RJ45 jacks?
    • ⤷ How does gold plating thickness affect connector longevity?
    • ⤷ What are the common pinout configurations for 8P8C connectors?