전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47DR-1024-R/Q

  • AI
    The **47DR-1024-R/Q** typically refers to a high-precision **Incremental Rotary Encoder**, often produced by manufacturers like *Nemicon* or as part of a specific industrial automation series. These components are essential for motion control, providing feedback on position, speed, and direction. --- ### ## Technical Specifications Breakdown The alphanumeric code represents specific electrical and mechanical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Model Series** | 47DR | 47mm Diameter Housing (Standard Industrial Size) | | **Resolution** | 1024 | 1024 Pulses Per Revolution (PPR) | | **Output Type** | R / Q | Line Driver (RS-422) or Complementary Output | | **Supply Voltage** | 5V - 24V DC | Varies based on specific sub-driver configuration | | **Max Frequency** | 100 kHz - 200 kHz | Determines maximum rotational speed tracking | --- ### ## Key Electronic Components The internal architecture of this encoder consists of several critical stages: 1. **Light Source (LED):** An infrared LED emits a steady beam through a patterned disc. 2. **Code Disc:** A glass or plastic disc with 1,024 transparent and opaque slots. As it spins, it "chops" the light beam. 3. **Photodetector Array:** Receives the light pulses and converts them into low-level electrical signals (Sine/Cosine). 4. **Signal Processing Circuitry:** * **Comparator:** Converts analog waves into clean square waves. * **Quadrature Logic:** Generates two channels (**A** and **B**) offset by 90°. This allows the controller to determine the direction of rotation. * **Index Channel (Z):** Provides a single pulse per full 360° rotation for "Home" positioning. 5. **Output Driver (Line Driver):** * The "R/Q" designation usually implies a **Line Driver** output. * It provides differential signals ($A, \bar{A}, B, \bar{B}, Z, \bar{Z}$). * **Benefit:** High noise immunity over long cable runs (Common Mode Rejection). --- ### ## Wiring Configuration Standard industrial color coding for these encoders usually follows this pattern: ```yaml Red: Vcc (Power Supply) Black: 0V (GND) Green: Phase A White: Phase B Yellow: Phase Z (Index) Brown: Phase /A (Differential) Grey: Phase /B (Differential) Orange: Phase /Z (Differential) Shield: Earth Ground ``` --- ### ## Applications * **CNC Machines:** For precise axis positioning. * **Servo Motors:** To provide closed-loop feedback to the drive. * **Robotics:** For joint angle detection. * **Conveyor Systems:** Monitoring belt speed and product spacing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and an absolute encoder?
    • ⤷ How do I troubleshoot a 'missing pulse' error in a 1024 PPR encoder?
    • ⤷ Can this encoder be interfaced directly with an Arduino or PLC?