전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LAC-241R-R

  • AI
    The part number **47LAC-241R-R** typically refers to a specific type of **Miniature Power Relay** or a specialized **Coaxial Relay** component, often manufactured by companies like **Relay Specialties** or similar industrial electronics suppliers. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ### 1. General Specifications The "47" series generally denotes a heavy-duty or miniature power relay designed for PCB mounting or socket insertion. | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Electromagnetic Relay | | **Coil Voltage** | 24V AC (indicated by "241") | | **Contact Configuration** | Likely DPDT (2 Form C) or SPDT | | **Mounting Type** | Through-Hole (PCB) or Plug-in | | **RoHS Status** | Compliant (indicated by the suffix "-R") | --- ### 2. Part Number Deciphering To understand the electronic function, we can break down the alphanumeric code: * **47**: The base series (Miniature Power/General Purpose). * **L**: Often indicates a specific lamp or LED indicator built into the relay to show coil energization. * **AC**: Indicates the coil is designed for **Alternating Current**. * **241**: Represents the voltage rating. In this nomenclature, it usually signifies **24V**. * **R**: Can denote "Resistor" (for coil suppression) or a specific contact material (like Silver Cadmium Oxide). * **-R**: The final suffix almost always stands for **RoHS Compliant** (Lead-free). --- ### 3. Key Electronic Components Inside An electromagnetic relay like the 47LAC-241R-R consists of several internal electronic and mechanical parts: 1. **The Coil:** A copper winding that creates a magnetic field when 24V AC is applied. 2. **The Armature:** The moving part that is attracted by the magnetic field. 3. **Spring Mechanism:** Returns the armature to the original position when power is removed. 4. **Contacts:** Usually made of silver alloy to ensure high conductivity and resistance to "pitting" or "arcing" during high-current switching. 5. **Diodes/Resistors (Optional):** Integrated to suppress voltage spikes that occur when the magnetic field collapses. --- ### 4. Common Applications These parts are widely used in industrial automation and control systems: * **HVAC Systems:** Controlling fans or compressors via 24V control circuits. * **PLC Outputs:** Acting as an interface between low-power logic and high-power loads. * **Lighting Control:** Switching ballast or LED driver circuits. * **Motor Control:** Small fractional horsepower motor starting.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the contacts on this relay?
    • ⤷ Can this 24V AC relay be used with a 24V DC power source?
    • ⤷ What are the physical dimensions or footprint for PCB mounting?