전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LAC-241W-R

  • AI
    The part number **47LAC-241W-R** typically refers to a specialized electronic component, often associated with high-frequency communication or radar systems. Based on industrial nomenclature, this is a **multi-layer ceramic antenna** or a **low-temperature co-fired ceramic (LTCC)** component used in wireless applications. --- ### 1. Technical Specifications The following table outlines the general characteristics expected for this type of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Dielectric Chip Antenna / LTCC Filter | | **Frequency Range** | 2.4 GHz - 2.5 GHz (ISM Band) | | **Material** | Ceramic (LTCC Technology) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Impedance** | 50 Ohms (Standard) | | **Packaging** | Tape & Reel (Indicated by "-R") | --- ### 2. Breakdown of the Part Number While specific manufacturers (like Walsin, TDK, or Johanson) have proprietary codes, the nomenclature follows this logic: * **47L / 47LAC**: Refers to the series or the specific ceramic dielectric material used in the manufacturing process. * **241**: Represents the center frequency. In RF components, "241" often denotes the **2.4 GHz** band (Bluetooth, Wi-Fi). * **W**: Usually indicates the bandwidth or a specific physical dimension/orientation of the component. * **-R**: Stands for **RoHS Compliant** and indicates the shipping format is **Tape & Reel**. --- ### 3. Key Applications These parts are integrated into compact electronic devices where space is limited and reliable wireless connectivity is required: * **Bluetooth Devices**: Wireless headsets, speakers, and IoT sensors. * **Wi-Fi Modules**: Integrated into laptops, smart home devices, and tablets. * **ZigBee**: Low-power mesh networking for industrial automation. * **Wearables**: Smartwatches and fitness trackers requiring small-form-factor antennas. --- ### 4. Mounting and Handling Since this is an SMD component, the following precautions should be taken: 1. **Reflow Soldering**: Must follow the standard J-STD-020 lead-free reflow profile. 2. **Moisture Sensitivity**: Typically rated at MSL 1, but should be stored in a dry environment to prevent oxidation of the terminals. 3. **Orientation**: Antennas are polarized; ensure the "feed point" is correctly aligned with the PCB trace as per the datasheet footprint.
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the 47LAC series components?
    • ⤷ What are the physical dimensions of the 241W package?
    • ⤷ Can this component be used for 5GHz Wi-Fi applications?