전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LAC-261B-R

  • AI
    The part number **47LAC-261B-R** typically refers to a specialized **LAN Transformer** or **Magnetic Module**, commonly used in Ethernet networking interfaces (RJ45 integrated connectors or discrete magnetic solutions). --- ## 1. Technical Overview This component is designed to provide signal conditioning, impedance matching, and high-voltage isolation between the Physical Layer (PHY) chip and the network cable. ### Specifications (Typical) | Parameter | Value/Description | | :--- | :--- | | **Component Type** | LAN Magnetic Transformer | | **Port Configuration** | Single Port (1x1) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Isolation Voltage** | 1500 Vrms | | **Turn Ratio** | 1:1 (Transmit & Receive) | | **Termination** | Surface Mount (SMT/SMD) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Internal Components & Structure The module is not a single part but a sub-assembly consisting of several passive elements housed in a plastic casing: * **Isolation Transformers:** Protects the sensitive PHY silicon from common-mode transients and high voltage on the Ethernet cable. * **Common Mode Chokes (CMC):** Filters out electromagnetic interference (EMI) and noise to ensure signal integrity. * **Auto-Transformer/Center Taps:** Used for DC biasing and power delivery in PoE (Power over Ethernet) applications (if supported by the specific variant). --- ## 3. Pinout and Circuit Layout The "261B" designation often refers to a specific internal wiring schematic. Below is a conceptual representation of the internal circuit: ```mermaid graph LR subgraph Chip Side A1[TD+] -- Transformer -- B1[TX+] A2[CT] --- B2[CT] A3[TD-] -- Transformer -- B3[TX-] end subgraph Media Side (RJ45) B1 --> C1[Line 1] B3 --> C2[Line 2] end ``` --- ## 4. Key Applications * **Networking Gear:** Switches, routers, and hubs. * **Industrial PC:** Motherboards and Network Interface Cards (NICs). * **IoT Devices:** Smart gateways and embedded Ethernet modules. * **Set-top Boxes:** High-speed internet connectivity for media streaming. --- ## 5. Part Number Breakdown While manufacturer codes vary (often Link-PP, Bothhand, or Pulse), the nomenclature usually follows this logic: * **47:** Series code (often relates to physical size/footprint). * **LAC:** Lead-frame/Case style or internal schematic type. * **261B:** Specific electrical configuration (Turns ratio and pin mapping). * **-R:** Lead-free / RoHS compliant packaging.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the 47LAC-261B-R?
    • ⤷ Can this component support Power over Ethernet (PoE)?
    • ⤷ What is the operating temperature range for this specific LAN transformer?