전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LAC-262W-R

  • AI
    The part number **47LAC-262W-R** typically refers to a specific configuration of a high-performance, multi-pin circular connector, often associated with aerospace, industrial, or medical applications. --- ### 1. Component Overview This component is generally part of the **Push-Pull** locking connector family. These are designed for environments where secure connections and quick disconnections are required. | Feature | Specification | | :--- | :--- | | **Connector Type** | Circular Push-Pull Receptacle | | **Shell Material** | Chrome-plated Brass (typically) | | **Contact Gender** | Female (Solder or Print contacts) | | **Termination** | Wire Solder or PCB Mount | | **Shielding** | 360° EMC Shielding | --- ### 2. Breakdown of the Part Number Structure While naming conventions can vary slightly by manufacturer (such as REDEL or LEMO-compatible clones), the code generally breaks down as follows: 1. **47L**: Refers to the series or shell size (Small to medium form factor). 2. **AC**: Indicates the specific insert configuration (Pin layout). 3. **262**: This is the core identifier for the **number of contacts** and electrical rating. In this specific series, "262" usually denotes a **high-density layout** (often 2 to 6 pins depending on the specific catalog sub-type). 4. **W**: Indicates the environmental sealing. "W" often stands for **Watertight** (IP66/IP67/IP68 rating). 5. **-R**: Indicates the orientation or specific finish (often **Receptacle** or **RoHS Compliant**). --- ### 3. Electrical Characteristics Connectors in this class are engineered for reliability under stress. * **Current Rating:** Usually ranges from 2A to 10A per contact depending on the wire gauge. * **Voltage Rating:** Rated for high dielectric withstanding voltage (often >1000V). * **Endurance:** Guaranteed for over 2,000 to 5,000 mating cycles. * **Insulation Resistance:** $>10^{10} \Omega$ at standard humidity. --- ### 4. Common Applications * **Medical Equipment:** Patient monitoring devices and electrosurgical tools. * **Test & Measurement:** Data acquisition systems and sensors. * **Audio/Video:** Professional microphone and camera power connections. * **Industrial:** Robotics and automation control lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the 'W' designation in this series?
    • ⤷ Can you provide the pinout diagram for the 262 configuration?
    • ⤷ Is this connector compatible with LEMO or Fischer brand plugs?