47LAC-2D0G-R
AI

The part number **47LAC-2D0G-R** refers to a high-precision, multi-turn wirewound potentiometer, typically manufactured by companies like **Copals (Nidec)** or similar industrial electronic component suppliers.
---
## 1. Component Overview
This component is an electromechanical device used to measure angular rotation or to provide a variable resistance in a circuit with high resolution. It is specifically designed for industrial applications requiring fine adjustments.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Multi-turn Wirewound Potentiometer |
| **Number of Turns** | 10-Turn (Standard for "47" series) |
| **Resistance Range** | Typically 2kΩ (indicated by "2D") |
| **Tolerance** | ±5% (Standard) |
| **Linearity** | ±0.25% to ±0.3% |
| **Power Rating** | 2.0 Watts at 40°C |
| **Mounting Type** | Panel Mount |
---
## 2. Part Number Breakdown
The suffixing nomenclature helps identify the specific physical and electrical characteristics:
* **47L**: Represents the series (model family), usually a 10-turn wirewound design.
* **AC**: Refers to the physical housing and terminal configuration (often "Bush Mount" or solder lugs).
* **2D0**: The resistance code. "2D" translates to **2,000 Ohms (2kΩ)**.
* **G**: Represents the linearity tolerance or a specific manufacturing revision.
* **R**: Often indicates compliance with **RoHS** (Reduction of Hazardous Substances) standards.
---
## 3. Key Applications
Because this is a multi-turn potentiometer, it offers much higher precision than a standard 270-degree knob. It is used in:
1. **Industrial Controls:** Setting motor speeds or voltage thresholds.
2. **Test Equipment:** Calibration tools where minute resistance changes are necessary.
3. **Medical Devices:** Precision positioning and feedback loops.
4. **Audio Equipment:** High-end gain stages or specialized signal processing.
---
## 4. Internal Construction
Inside the "47LAC-2D0G-R", a resistive wire is wrapped around a mandrel in a helical shape. A wiper moves along this helix as the shaft is turned, completing 10 full rotations to travel from 0% to 100% of the total resistance.
---
- ⤷
What is the exact resistance value of the '2D0' code in this series?
- ⤷ How does a 10-turn potentiometer differ from a standard single-turn pot?
- ⤷ What are the common mounting dimensions for the 47LAC series?