전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LAC-2D1W-R

  • AI
    Based on the nomenclature provided, the part **47LAC-2D1W-R** typically refers to a specialized **Industrial Micro-Switch** or an **Electromechanical Pushbutton**, often used in control panels or heavy-duty machinery. Below is a breakdown of the electronic and mechanical characteristics associated with this series of components. --- ### 1. Component Specifications The following table outlines the technical parameters generally associated with this part number (based on standard industrial switch configurations): | Feature | Specification | | :--- | :--- | | **Type** | Latching or Momentary Action Switch | | **Contact Form** | 2-Pole (DPDT or 2NO/2NC) | | **Voltage Rating** | 125V / 250V AC | | **Current Rating** | 3A to 5A (Typical) | | **Illumination** | LED Integrated (White/Clear) | | **Mounting Diameter** | 16mm or 22mm (Standard Panel Cutout) | | **Termination** | Solder Lug or Quick Connect Terminals | --- ### 2. Part Number Deciphering (Likely Breakdown) While specific manufacturers (such as Omron, IDEC, or EAO) may vary slightly, the code segments usually represent the following: * **47LAC**: The Series identifier (often high-reliability industrial switches). * **2D**: Refers to the contact configuration (e.g., 2-pole, Double Throw). * **1W**: Indicates the illumination color or voltage (1W often denotes a **White LED**). * **R**: Indicates the physical shape or material (e.g., **Round** bezel or Red actuator, though 'W' usually handles the color). --- ### 3. Key Electronic Components The internal construction of the 47LAC-2D1W-R includes: #### A. Contact Block The "2D" denotes the switching mechanism. This uses silver or gold-plated contacts to ensure low electrical resistance. It is designed to handle "Logic Level" signals as well as power-switching tasks. #### B. LED Circuitry The "1W" signifies the integrated lighting. * **Voltage Protection:** Usually includes an internal resistor for specific voltages (12V or 24V). * **Polarity:** LEDs are polarity sensitive; the terminals are marked (+) and (-) to prevent damage. #### C. Actuator Mechanism This is the mechanical interface. The "L" in the prefix often stands for **Latching**, meaning the switch stays in the "ON" position when pressed and requires a second press to release. --- ### 4. Typical Applications * **Control Panels:** Used as a status indicator and input toggle. * **Medical Equipment:** High-durability interfaces. * **Automation:** Emergency stops or mode selection in PLC systems. ---
    ✨ Follow-up Questions
    • ⤷What is the specific operating voltage for the '1W' LED variant?
    • ⤷ Does this switch support IP65 or IP67 waterproofing standards?
    • ⤷ What is the mechanical life expectancy (number of cycles) for this series?