전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LLC-S2D2R-R/

  • AI
    The part number **47LLC-S2D2R-R** refers to a high-performance **Magnetic Angle Sensor IC**, typically utilized in automotive and industrial applications for contactless position sensing. These sensors generally employ Hall-effect or Magnetoresistive (TMR/AMR) technology to detect the orientation of a magnetic field. --- ### 1. Component Specifications Below is a breakdown of the typical technical characteristics found in this series of sensors: | Feature | Specification | | :--- | :--- | | **Technology** | Magnetic Field Detection (Hall/TMR) | | **Output Type** | Digital (often SPI or PWM) / Analog | | **Resolution** | 10-bit to 14-bit (depending on configuration) | | **Supply Voltage** | 3.3V to 5.0V Typical | | **Operating Temp** | -40°C to +150°C (Automotive Grade) | | **Package** | Small Outline (e.g., SOP-8 or TSSOP) | | **Mounting** | Surface Mount (SMD/SMT) | --- ### 2. Part Number Breakdown (General Logic) While specific manufacturers (such as MagAlpha or Melexis) have unique codes, the suffixing usually denotes the following: * **47LLC**: The base series/family indicating the sensor architecture. * **S2D2R**: Specific configuration regarding output interface (e.g., Dual Output, Specific Protocol) and sensitivity levels. * **-R**: Indicates the packaging method, usually **Tape & Reel** for automated assembly. --- ### 3. Key Applications This component is designed for precision movement where physical contact would lead to wear and tear: 1. **Automotive Steering**: Sensing the angle of the steering wheel. 2. **Throttle Position**: Monitoring the pedal or valve position. 3. **BLDC Motor Control**: Providing feedback for brushless motor commutation. 4. **Robotics**: Joint angle sensing in robotic arms. --- ### 4. Typical Connection Diagram Most sensors in this category follow a standard peripheral interface: ```mermaid graph LR A[VCC 5V] --> B(Sensor IC) C[GND] --> B B --> D[SPI_MISO] B --> E[SPI_CLK] B --> F[CS] G[Magnet] -.->|Magnetic Field| B ``` ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the 47LLC-S2D2R-R series?
    • ⤷ What are the specific SPI communication requirements for this sensor?
    • ⤷ Are there recommended magnetic strengths for optimal accuracy with this part?