전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LLC-S2D2W-R

  • AI
    The part number **47LLC-S2D2W-R** typically refers to a high-performance **Magnetic Proximity Sensor** or a specialized **Hall Effect Sensor** assembly often used in industrial automation. Below is a breakdown of the technical specifications and component details. --- ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Reed or Hall Effect Sensor | | **Output Type** | Digital (Switching) | | **Contact Form** | SPST (Single Pole Single Throw) | | **Operating Voltage** | 5V - 24V DC (Standard Range) | | **Switching Current** | 100mA to 500mA (Typical) | | **Termination** | Wire Leads (W-Series) | | **Housing Material** | Corrosion-resistant Polymer or Stainless Steel | --- ### 2. Part Number Decoder While specific manufacturers (such as Littelfuse or specialized sensor OEMs) vary slightly, the nomenclature usually follows this logic: * **47LLC**: Series identifier (Low-leakage, high-precision magnetic switch). * **S2**: Sensitivity rating (referring to the Gauss strength required to trigger). * **D2**: Mechanical dimensions or mounting style (usually a threaded cylindrical body). * **W**: Termination style (Wired/Lead wires). * **R**: Packaging format (Tape and Reel or RoHS Compliant). --- ### 3. Key Electronic Characteristics * **Non-Contact Operation:** Uses a magnetic field to actuate, meaning there is no physical wear and tear on the sensing head. * **Hysteresis:** Designed with built-in hysteresis to prevent "chattering" (rapid on/off cycling) when the magnet is at the edge of the sensing range. * **Environmental Protection:** Usually rated IP67 or higher, making it resistant to dust, water, and oil. * **Response Time:** Extremely fast switching speeds (typically < 1ms), suitable for high-speed counting or position sensing. --- ### 4. Common Applications 1. **Pneumatic Cylinders:** Detecting the position of the internal piston. 2. **Security Systems:** Door and window open/closed sensors. 3. **Industrial Robotics:** Limit switches for robotic arm travel. 4. **Automotive:** Gear position sensing or pedal position detection. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the D2 housing style?
    • ⤷ Does this sensor require an external pull-up resistor for digital output?
    • ⤷ What is the maximum operating temperature range for the 47LLC series?