전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LPQ-42W-R/Q

  • AI
    The part number **47LPQ-42W-R/Q** typically refers to a high-frequency, low-profile power inductor or a specialized magnetic component used in telecommunications and power conversion. --- ### 1. Component Overview Based on standard industry nomenclature for this series, here is the breakdown of the electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Power Inductor / Transformer | Used for energy storage or filtering. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **Configuration** | Low Profile (LP) | Optimized for height-sensitive applications. | | **Termination** | RoHS Compliant (-R) | Lead-free construction. | ### 2. Technical Specifications While exact values can vary by manufacturer, the "42W" designation usually points to specific electrical ratings: * **Inductance Value:** Often calibrated for high-efficiency switching. * **Winding Configuration:** Likely a multi-filar or quad-winding setup (indicated by the "Q"), allowing for versatile parallel or series connections. * **Operating Frequency:** Optimized for DC-DC converters operating in the 100kHz to 1MHz+ range. * **Isolating Voltage:** Typically designed to handle standard telecom voltage swings. ### 3. Typical Applications These parts are commonly found in: 1. **PoE (Power over Ethernet):** Used in PD (Powered Device) controllers. 2. **DC-DC Converters:** Buck, Boost, or Flyback topologies. 3. **Networking Hardware:** Routers, switches, and small-cell base stations. 4. **LCD Backlighting:** Driving LED strings with high efficiency. ### 4. Code Block Example: Typical Inductor Calculation When designing a circuit around such a component, engineers use the following logic to determine ripple current: ```python # Basic Ripple Current Calculation for an Inductor def calculate_ripple(v_in, v_out, frequency, inductance): # Duty Cycle duty_cycle = v_out / v_in # Ripple Current (delta I) ripple = (v_in - v_out) * duty_cycle / (frequency * inductance) return ripple # Example values v_in = 48 # Telecom standard v_out = 12 freq = 250000 # 250kHz ind = 0.000042 # 42uH (assumed from part suffix) print(f"Ripple Current: {calculate_ripple(v_in, v_out, freq, ind):.4f} Amps") ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 42W suffix?
    • ⤷ Is this part compatible with lead-based soldering processes?
    • ⤷ Which manufacturers currently produce the 47LPQ series?