전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LPQ-4W2W-R/Q

  • AI
    The part number **47LPQ-4W2W-R/Q** typically refers to a high-precision, low-profile **Resistor Network** or a specific **Potentiometer/Trimmer** assembly, often associated with specialized industrial or automotive electronics. Based on standard electronic component naming conventions (likely from manufacturers like Bourns or BI Technologies), here is a breakdown of the technical aspects: ### 1. Component Overview The "47" series generally denotes a miniature, multi-turn, or low-profile configuration designed for dense PCB layouts where space is restricted. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Precision Trimming Potentiometer or Resistor Array | | **Adjustment Type** | Top-adjust or Side-adjust (depending on 'L' suffix) | | **Resistance Stability** | High (typically ±5% to ±10% tolerance) | | **Material** | Cermet (Ceramic/Metal composite) | | **Power Rating** | 0.25W to 0.5W at 70°C | --- ### 2. Part Number Breakdown While specific manufacturers vary slightly, the nomenclature usually follows this logic: * **47L**: Refers to the physical series/model (Low Profile). * **PQ**: Often denotes the pin configuration (e.g., staggered pins or specific surface mount footprint). * **4W2W**: Represents the resistance value or the internal wiring configuration. * *Note:* In many cases, "4W" indicates 4-wire sensing or a specific resistive bridge layout. * **R/Q**: These are suffix codes for packaging and quality standards: * **R**: Often stands for "RoHS Compliant" or "Tape & Reel" packaging. * **Q**: Usually signifies "AEC-Q200" qualification (Automotive grade) or a specific high-reliability testing standard. --- ### 3. Key Technical Characteristics #### Electrical Performance * **Temperature Coefficient:** Typically ±100 ppm/°C, ensuring stability across temperature fluctuations. * **Dielectric Strength:** Usually tested up to 900 VAC to prevent arcing. * **Insulation Resistance:** Minimum 1,000 Megohms. #### Mechanical Durability * **Rotational Life:** Designed for 200+ cycles (for trimmers). * **Vibration/Shock:** Built to withstand high-vibration environments (common in automotive or aerospace applications). --- ### 4. Typical Applications * **Voltage Regulation:** Precise tuning of output voltages in power supplies. * **Sensor Calibration:** Adjusting the zero-point or span of industrial sensors. * **Automotive Modules:** Used in ECU (Engine Control Unit) or ADAS (Advanced Driver Assistance Systems) due to the 'Q' grade qualification. ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the 47LPQ series?
    • ⤷ What are the specific mounting dimensions for the 4W2W footprint?
    • ⤷ Is this part compatible with lead-free reflow soldering?