전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LPT-1A0YR-R/Q

  • AI
    ### Electronic Component Analysis: 47LPT-1A0YR-R/Q The part number **47LPT-1A0YR-R/Q** refers to a high-precision, low-profile **Crystal Resonator** (often associated with manufacturers like TXC or similar frequency control specialists). These components are fundamental in electronics for generating stable clock signals. --- ### 1. Technical Specifications Below is a breakdown of the typical specifications for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal Resonator | | **Frequency Range** | Usually 32.768 kHz (LPT series often denotes Low Power/Tuning Fork) | | **Package Size** | 2.0 x 1.2 mm (or similar ultra-miniature SMD) | | **Load Capacitance** | 7pF to 12.5pF (Common for '1A0' variants) | | **Frequency Tolerance** | ±20 ppm | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Part Number Breakdown (Generic Decoding) While exact manufacturer prefixes vary, the suffixing usually follows this logic: * **47LPT**: The series identifier. "LP" often stands for **Low Profile** or **Low Power**, and "T" typically indicates a **Tuning Fork** crystal (used for timekeeping). * **1A0**: Often represents the specific frequency code or load capacitance configuration. * **YR**: Stability and temperature range indicators. * **R/Q**: Packaging indicators (e.g., Tape & Reel / Automotive or High-Reliability grade). --- ### 3. Key Applications Because this component provides a highly stable frequency source, it is found in: 1. **Real-Time Clocks (RTC):** Keeping time in smartwatches, laptops, and IoT devices. 2. **Microcontrollers (MCU):** Providing the heartbeat for sleep modes to save battery life. 3. **Wireless Modules:** Essential for Bluetooth Low Energy (BLE) and Zigbee synchronization. 4. **Automotive:** Dashboard clusters and telematics (if 'Q' denotes Automotive Grade). --- ### 4. Implementation Example In a circuit, the crystal is connected to the `XTAL_IN` and `XTAL_OUT` pins of an IC, accompanied by two load capacitors ($C_1$ and $C_2$). ```c // Pseudo-code representation of initializing a clock source void SystemClock_Config(void) { // Enable External Low Speed oscillator (LSE) // This targets the 32.768kHz crystal (47LPT series) RCC_LSEConfig(RCC_LSE_ON); while(RCC_GetFlagStatus(RCC_FLAG_LSERDY) == RESET) { // Wait for crystal to stabilize } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the 47LPT-1A0YR-R/Q variant?
    • ⤷ How does the 'Q' suffix impact the environmental testing standards for this part?
    • ⤷ What are the recommended load capacitor values for this specific crystal?