전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LR-1D2W-R

  • AI
    The part number **47LR-1D2W-R** typically refers to a **Metal Oxide Varistor (MOV)** or a high-power surge protector component, often manufactured by companies like **Thinking Electronic** or **Lattron**. It is designed to protect electronic circuits from voltage surges and transients. ### Technical Specifications Breakdown The alphanumeric code provides specific details about the component's physical and electrical characteristics: | Code Segment | Description | Typical Interpretation | | :--- | :--- | :--- | | **47** | Voltage Code | Represents the Varistor Voltage (often 47V). | | **LR** | Series/Type | Indicates a Lead-Type, Low Resistance, or specific material series. | | **1D** | Diameter | Refers to the disc size (e.g., 10mm or 11mm). | | **2W** | Power/Energy | Indicates energy absorption or a 2-Watt rating. | | **R** | Tolerance/Packaging | Usually denotes ±10% tolerance or RoHS compliance. | --- ### Key Functions and Features 1. **Overvoltage Protection:** It acts as a "clamping" device. When the voltage exceeds its threshold, its resistance drops sharply, diverting the excess current away from sensitive components. 2. **Fast Response Time:** Designed to react to voltage spikes (like lightning or inductive switching) in nanoseconds. 3. **Bidirectional:** Since it is a varistor, it provides protection for both positive and negative cycles of an AC waveform. 4. **Durability:** Metal oxide construction allows it to handle high peak currents multiple times before degradation. --- ### Typical Applications These components are found in various power-sensitive environments: * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Industrial Equipment:** Guarding PLC inputs and motor controllers. * **Consumer Electronics:** Used in surge protectors and household appliances to prevent damage from grid fluctuations. * **Telecommunications:** Protecting line interfaces from induced surges. --- ### Electrical Comparison (Example Table) | Property | Value (Approximate) | | :--- | :--- | | **Varistor Voltage** | 47V DC (at 1mA) | | **Max Allowable AC Voltage** | ~30V RMS | | **Max Allowable DC Voltage** | ~38V | | **Clamping Voltage** | ~77V - 90V | | **Operating Temperature** | -40°C to +85°C | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the 47LR-1D2W-R?
    • ⤷ How do I test if this varistor has failed in a circuit?
    • ⤷ What are the recommended soldering temperatures for lead-type varistors?