전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LT-151W-R

  • AI
    Based on the part number **47LT-151W-R**, this component is a **LAN Transformer** (also known as an Ethernet Isolation Transformer) typically manufactured by companies like **Link-Com** or **Bothhand**. These components are critical in networking hardware (routers, switches, NICs) to provide galvanic isolation and signal conditioning. --- ## 1. Technical Specifications Below is a breakdown of the typical specifications for this series: | Parameter | Value / Description | | :--- | :--- | | **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) | | **Inductance (OCL)** | 350uH Min @ 100KHz, 0.1V, 8mA DC Bias | | **Insertion Loss** | -1.1 dB Max (1-100 MHz) | | **Return Loss** | -18 dB Min (1-30 MHz) | | **Isolation Voltage** | 1500 Vrms (Hi-Pot) | | **Operating Temp** | 0°C to +70°C (Standard) | | **Configuration** | Single Port, Surface Mount (SMD) | --- ## 2. Key Functions The **47LT-151W-R** serves three primary purposes in an electronic circuit: ### A. Galvanic Isolation It protects the internal sensitive circuitry (PHY chip) from external voltage spikes or surges originating from the Ethernet cable. It meets the IEEE 802.3 requirement for 1500V isolation. ### B. Impedance Matching It ensures that the impedance of the Ethernet controller matches the 100-ohm impedance of the Twisted Pair (UTP) cable, preventing signal reflection and data loss. ### C. Noise Suppression (Common Mode Choke) The "LT" series usually includes integrated Common Mode Chokes. These filter out electromagnetic interference (EMI) so the device complies with FCC/CE emission standards. --- ## 3. Part Number Decoder While numbering can vary slightly by manufacturer, the code generally follows this logic: * **47:** Series designation (often indicating 10/100 Base-TX). * **LT:** LAN Transformer. * **151:** Internal design/winding code. * **W:** Package type (often refers to a specific wide-body or lead frame style). * **-R:** RoHS Compliant (Lead-free). --- ## 4. Pinout & Internal Schematic Usually, this is a **16-pin SMD** package. * **Pins 1-8 (Line Side):** Connect to the RJ45 connector. * **Pins 9-16 (Chip Side):** Connect to the Ethernet PHY/Controller. * **Center Taps:** Often connected to a "Bob Smith" termination (capacitors/resistors) to further reduce EMI. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 10/100 Base-TX and a 1000 Base-T transformer?
    • ⤷ How do I test a LAN transformer using a multimeter?
    • ⤷ Can this part be used for Power over Ethernet (PoE) applications?