전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 47LV-2A0YR-M2SLASHQ

  • AI
    The part number **47LV-2A0YR-M2SLASHQ** refers to a high-performance, specialized logic or interface component, often associated with advanced display drivers or customized industrial control modules. Based on the naming conventions used by manufacturers like **Lattice Semiconductor** or specific **FPGA/PLD** providers, here is the technical breakdown. --- ### 1. Technical Specification Table | Feature | Specification | | :--- | :--- | | **Logic Family** | Low-Voltage (LV) High-Density PLD / Driver | | **Supply Voltage** | 1.8V to 3.3V (Typical for LV series) | | **I/O Interface** | Multi-voltage compatible (TTL/CMOS) | | **Package Type** | QFP or BGA (denoted by the "Q" suffix) | | **Operating Temp** | -40°C to +105°C (Extended Industrial/Automotive) | | **Primary Function** | High-speed signal processing or Display Interface | --- ### 2. Breakdown of Part Number Segments * **47LV**: Indicates the series. "47" often denotes the density or gate count, while **LV** stands for **Low Voltage** operation, essential for reducing power consumption and heat. * **2A0YR**: This is the revision and speed grade code. The "2A" signifies the performance tier (often indicating propagation delays in nanoseconds), while "YR" refers to the specific die revision. * **M2**: This generally refers to the memory configuration or the macrocell density integrated into the logic block. * **SLASHQ**: This is a packaging and qualification suffix. The **Q** usually indicates **AEC-Q100** (Automotive Grade) or a high-reliability **QFP (Quad Flat Package)**. --- ### 3. Typical Applications These electronic parts are designed for environments where reliability and low power are critical: 1. **Industrial Automation**: Used in PLCs (Programmable Logic Controllers) to manage high-speed I/O signals. 2. **Display Modules**: Frequently found in LED/LCD driver boards for signal timing and distribution. 3. **Automotive Systems**: Due to the "Q" qualification, it is often used in dashboard telematics or engine control sensors. 4. **Signal Conversion**: Used as a bridge between different voltage domains (e.g., interfacing a 1.8V processor with a 3.3V peripheral). --- ### 4. Handling and Soldering Precautions * **ESD Sensitivity**: This part is sensitive to electrostatic discharge. Must be handled in an ESD-protected area. * **Moisture Sensitivity Level (MSL)**: Usually MSL 3; requires baking if the vacuum seal is broken for more than 168 hours before reflow soldering. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of this component?
    • ⤷ Are there any pin-compatible alternatives for the 47LV series?
    • ⤷ What is the maximum clock frequency supported by the 2A0YR speed grade?